Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T4ARBU406M Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # T4ARBU406M
Description  TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

T4ARBU406M Datasheet(HTML) 2 Page - Rectron Semiconductor

  T4ARBU406M Datasheet HTML 1Page - Rectron Semiconductor T4ARBU406M Datasheet HTML 2Page - Rectron Semiconductor T4ARBU406M Datasheet HTML 3Page - Rectron Semiconductor T4ARBU406M Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
TEMPERATURE, (
OC)
0
1.0
4.0
0.1
0.4
10
40
0
1.0
2.0
3.0
4.0
2.0
1.5
0.5
1.0
3.0
2.5
3.5
150
100
50
0
0
20
1.0
0.1
10
100
1000
120
100
40
60
80
140
RATING AND CHARACTERISTICS CURVES ( T4ARBU405M THRU T4ARBU407M )
FIG.3 TYPICAL REVERSE CHARACTERISTICS
FIG.1 DERATING CURVE OUTPUT
RECTIFIED CURRENT
FIG.2 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
1
0
120
160
200
40
80
240
5
2
10
20
50
100
FIG.4 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
P.C.B. Mounted,TA
0.47x0.47" (12x12mm) Copper Pads
0.375" (9.5mm) Lead Length
60Hz Resistive or Inductive Load
Heatsink Mounting, TC
1.6x1.6x0.06" Thk
(4.0x4.0x.15cm) AL.Plate
TA = 100
OC
TA = 25
OC
8.3mS Single Half Sine-Wave
JEDEC Method
TA = 25
OC
Pulse Width = 300mS
1% Duty Cycle
50~400V
600~1000V
REVERSE VOLTAGE, (V)
0.1
10
100
1000
10
1
100
FIG.5 TYPICAL JUNCTION CAPACITANCE
PER LEG
t, HEATING TIME (sec.)
0.01
0.1
10
100
1
1
0.1
10
100
FIG.6 TYPICAL TRANSIENT THERMA
IMPEDANCE


Similar Part No. - T4ARBU406M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
T4ARBU406M RECTRON-T4ARBU406M Datasheet
313Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
More results

Similar Description - T4ARBU406M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
T4ARS3505M RECTRON-T4ARS3505M Datasheet
210Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
T6ARS3505M RECTRON-T6ARS3505M_10 Datasheet
286Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
T4ARBU405M RECTRON-T4ARBU405M_10 Datasheet
313Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
T6ARS3505M RECTRON-T6ARS3505M Datasheet
210Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
logo
First Components Intern...
P6KE FCI-P6KE Datasheet
177Kb / 4P
   6.8V to 200V GPP TRANSIENT VOLTAGE SUPPRESSORS
SA5.0 FCI-SA5.0 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
1.5KE FCI-1.5KE Datasheet
180Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
P4KE FCI-P4KE Datasheet
165Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
5KP FCI-5KP Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
1.5KE FCI-1.5KE_1 Datasheet
236Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com