Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-45V32AD642KF-A75 Datasheet(PDF) 9 Page - Elpida Memory

Part # MC-45V32AD642KF-A75
Description  32M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-45V32AD642KF-A75 Datasheet(HTML) 9 Page - Elpida Memory

Back Button MC-45V32AD642KF-A75 Datasheet HTML 5Page - Elpida Memory MC-45V32AD642KF-A75 Datasheet HTML 6Page - Elpida Memory MC-45V32AD642KF-A75 Datasheet HTML 7Page - Elpida Memory MC-45V32AD642KF-A75 Datasheet HTML 8Page - Elpida Memory MC-45V32AD642KF-A75 Datasheet HTML 9Page - Elpida Memory MC-45V32AD642KF-A75 Datasheet HTML 10Page - Elpida Memory MC-45V32AD642KF-A75 Datasheet HTML 11Page - Elpida Memory MC-45V32AD642KF-A75 Datasheet HTML 12Page - Elpida Memory MC-45V32AD642KF-A75 Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
'DWD 6KHHW E0026N10
9
MC-45V32AD642
AC characteristics (Background to Background operation)
Parameter
Symbol
-A 75
Unit
Notes
MIN.
MAX.
6DPH %DQN 2SHUDWLRQ
ACT to ACT / REF Command period
tRC
67.5
ns
REF to REF / ACT Command period
tRCF
67.5
ns
ACT to PRE Command period
tRAS
52.5
120,000
ns
PRE to ACT / REF Command period
tRP
20
ns
ACT to PFC / PFCA Command delay time
tAPD
15
ns
ACT to PFR Command delay time (Prefetch Read Operation)
tAPRD
15
ns
PFC to PRE Command delay time
tPPL
22.5
ns
PFCA / PFR to ACT / REF Command delay time
tPAL
45
ns
RST / RSTA to ACT(R)
Note1 Command delay time
tRAD
7.5
30
ns
2
6DPH 2WKHU %DQN 2SHUDWLRQ
ACT(R)
Note1 to PFC / PFCA / PFR Command delay time
tRPD
37.5
ns
PFC to PFC / PFCA Command delay time
tPPD
22.5
ns
2WKHU%DQN 2SHUDWLRQ
ACT to ACT / ACT(R) or ACT(R) to ACT Command delay time
tRRD
15
ns
ACT(R) to ACT(R) Command delay time
tRRDR
30
ns
PFC / PFCA to RST / RSTA Command delay time
tPRD
22.5
ns
Notes 1. ACT (R) command is ACT command after RST command.
2. The another background operation and same channel foreground operation are illegal while tRAD period.


Similar Part No. - MC-45V32AD642KF-A75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-45V16AB642 ELPIDA-MC-45V16AB642 Datasheet
156Kb / 16P
   16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AB642KF-A75 ELPIDA-MC-45V16AB642KF-A75 Datasheet
156Kb / 16P
   16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45V16AD641 NEC-MC-45V16AD641 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641EF-A10 NEC-MC-45V16AD641EF-A10 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641EF-A75 NEC-MC-45V16AD641EF-A75 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-45V32AD642KF-A75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532CD647XFA ELPIDA-MC-4532CD647XFA Datasheet
171Kb / 14P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD646 NEC-MC-4532CD646 Datasheet
148Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD647 NEC-MC-4532CD647 Datasheet
207Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC727XFA ELPIDA-MC-4532CC727XFA Datasheet
174Kb / 14P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC727 NEC-MC-4532CC727 Datasheet
220Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC727 ELPIDA-MC-4532CC727 Datasheet
172Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC726 NEC-MC-4532CC726 Datasheet
153Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC726 ELPIDA-MC-4532CC726 Datasheet
174Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com