Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGU7005 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BGU7005
Description  SiGe:C Low Noise Amplifier MMIC for GPS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU7005 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BGU7005 Datasheet HTML 5Page - NXP Semiconductors BGU7005 Datasheet HTML 6Page - NXP Semiconductors BGU7005 Datasheet HTML 7Page - NXP Semiconductors BGU7005 Datasheet HTML 8Page - NXP Semiconductors BGU7005 Datasheet HTML 9Page - NXP Semiconductors BGU7005 Datasheet HTML 10Page - NXP Semiconductors BGU7005 Datasheet HTML 11Page - NXP Semiconductors BGU7005 Datasheet HTML 12Page - NXP Semiconductors BGU7005 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
BGU7005_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 28 October 2009
9 of 18
NXP Semiconductors
BGU7005
SiGe:C Low Noise Amplifier MMIC for GPS
Pi = −45 dBm; Tamb =25 °C.
(1) VCC = 1.5 V
(2) VCC = 1.8 V
(3) VCC = 2.85 V
Tamb =25 °C; f = 1575 MHz.
(1) VCC = 1.5 V
(2) VCC = 1.8 V
(3) VCC = 2.85 V
Fig 14. Input return loss as a function of frequency;
typical values
Fig 15. Input return loss as a function of input power;
typical values
f (MHz)
500
3000
2500
1500
2000
1000
001aak700
−9
−6
−12
−3
0
RLin
(dB)
−15
(1)
(2)
(3)
Pi (dBm)
−50
0
−10
−30
−20
−40
001aak701
−9
−6
−12
−3
0
RLin
(dB)
−15
(2)
(3)
(1)
VCC = 1.8 V; Pi = −45 dBm.
(1) Tamb = −40 °C
(2) Tamb = +25 °C
(3) Tamb = +85 °C
VCC = 1.8 V; Tamb =25 °C.
(1) Pi = −45 dBm
(2) Pi = −30 dBm
(3) Pi = −20 dBm
(4) Pi = −15 dBm
Fig 16. Output return loss as a function of frequency;
typical values
Fig 17. Output return loss as a function of frequency;
typical values
f (MHz)
500
3000
2500
1500
2000
1000
001aak702
−12
−8
−16
−4
0
RLout
(dB)
−20
(1)
(2)
(3)
f (MHz)
500
3000
2500
1500
2000
1000
001aak703
−12
−8
−16
−4
0
RLout
(dB)
−20
(4)
(3)
(2)
(1)


Similar Part No. - BGU7005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGU7005 NXP-BGU7005 Datasheet
221Kb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS
Rev. 02-4 March 2010
BGU7005 PHILIPS-BGU7005 Datasheet
277Kb / 20P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 4-6 May 2011
BGU7005 PHILIPS-BGU7005 Datasheet
331Kb / 2P
   The best reception of GNSS signals with the smallest footprint
October 2011
BGU7005 NXP-BGU7005 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BGU7005 NXP-BGU7005_10 Datasheet
221Kb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS
Rev. 02-4 March 2010
More results

Similar Description - BGU7005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGU7005 NXP-BGU7005_10 Datasheet
221Kb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS
Rev. 02-4 March 2010
logo
California Eastern Labs
UPC8236T6N-A CEL-UPC8236T6N-A Datasheet
714Kb / 11P
   SiGe:C LOW NOISE AMPLIFIER FOR GPS
logo
NXP Semiconductors
BGU7007 NXP-BGU7007 Datasheet
1Mb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 1-20 May 2011
BGU7007_1111 PHILIPS-BGU7007_1111 Datasheet
1Mb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 2-3 November 2011
BGU7008 PHILIPS-BGU7008 Datasheet
1Mb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 2-3 November 2011
BGU7004 PHILIPS-BGU7004 Datasheet
1Mb / 20P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 1-5 July 2011
BGU7005 PHILIPS-BGU7005_11 Datasheet
277Kb / 20P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 4-6 May 2011
BGU8103 NXP-BGU8103 Datasheet
113Kb / 12P
   SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 3-18 January 2017
BGU8011 NXP-BGU8011 Datasheet
331Kb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-14 May 2013
BGU8004 NXP-BGU8004 Datasheet
282Kb / 18P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-31 January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com