Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55-y2V7 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # BZX55-y2V7
Description  Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BZX55-y2V7 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  BZX55-y2V7 Datasheet HTML 1Page - GOOD-ARK Electronics BZX55-y2V7 Datasheet HTML 2Page - GOOD-ARK Electronics BZX55-y2V7 Datasheet HTML 3Page - GOOD-ARK Electronics BZX55-y2V7 Datasheet HTML 4Page - GOOD-ARK Electronics BZX55-y2V7 Datasheet HTML 5Page - GOOD-ARK Electronics BZX55-y2V7 Datasheet HTML 6Page - GOOD-ARK Electronics BZX55-y2V7 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
495
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
A=25
oC unless otherwise noted) Maximum V
F=1.0V at IF=100mA
e
p
y
T
r
e
b
m
u
n
+
.
l
o
T
%
5
e
g
a
t
l
o
v
r
e
n
e
Z
e
g
n
a
r
)
1
(
I
t
a
1
T
Z
)
A
m
(
V
Z
)
s
t
l
o
V
(
t
n
e
r
r
u
c
t
s
e
T
I
1
T
Z
)
A
m
(
.
n
i
M.
x
a
M
8
V
0
C
-
5
5
X
Z
B
)
3
(
3
7
.
03
8
.
00
.
5
4
V
2
C
-
5
5
X
Z
B8
2
.
26
5
.
20
.
5
7
V
2
C
-
5
5
X
Z
B0
5
.
20
9
.
20
.
5
0
V
3
C
-
5
5
X
Z
B0
8
.
20
2
.
30
.
5
3
V
3
C
-
5
5
X
Z
B0
1
.
30
5
.
30
.
5
6
V
3
C
-
5
5
X
Z
B0
4
.
30
9
.
30
.
5
9
V
3
C
-
5
5
X
Z
B0
7
.
30
1
.
40
.
5
3
V
4
C
-
5
5
X
Z
B0
0
.
40
6
.
40
.
5
7
V
4
C
-
5
5
X
Z
B0
4
.
40
0
.
50
.
5
1
V
5
C
-
5
5
X
Z
B0
8
.
40
4
.
50
.
5
6
V
5
C
-
5
5
X
Z
B0
2
.
50
0
.
60
.
5
2
V
6
C
-
5
5
X
Z
B0
8
.
50
6
.
60
.
5
8
V
6
C
-
5
5
X
Z
B0
4
.
60
2
.
70
.
5
5
V
7
C
-
5
5
X
Z
B0
0
.
70
9
.
70
.
5
2
V
8
C
-
5
5
X
Z
B0
7
.
70
7
.
80
.
5
1
V
9
C
-
5
5
X
Z
B0
5
.
80
6
.
90
.
5
0
1
C
-
5
5
X
Z
B0
4
.
96
.
0
10
.
5
1
1
C
-
5
5
X
Z
B4
.
0
16
.
1
10
.
5
2
1
C
-
5
5
X
Z
B4
.
1
17
.
2
10
.
5
3
1
C
-
5
5
X
Z
B4
.
2
11
.
4
10
.
5
5
1
C
-
5
5
X
Z
B8
.
3
16
.
5
10
.
5
6
1
C
-
5
5
X
Z
B3
.
5
11
.
7
10
.
5
8
1
C
-
5
5
X
Z
B8
.
6
11
.
9
10
.
5
0
2
C
-
5
5
X
Z
B8
.
8
12
.
1
20
.
5
2
2
C
-
5
5
X
Z
B8
.
0
23
.
3
20
.
5
4
2
C
-
5
5
X
Z
B8
.
2
26
.
5
20
.
5
7
2
C
-
5
5
X
Z
B1
.
5
29
.
8
20
.
5
0
3
C
-
5
5
X
Z
B0
.
8
20
.
2
30
.
5
3
3
C
-
5
5
X
Z
B0
.
1
30
.
5
30
.
5
6
3
C
-
5
5
X
Z
B0
.
4
30
.
8
30
.
5
9
3
C
-
5
5
X
Z
B0
.
7
30
.
1
45
.
2
3
4
C
-
5
5
X
Z
B0
.
0
40
.
6
45
.
2
7
4
C
-
5
5
X
Z
B0
.
4
40
.
0
55
.
2
1
5
C
-
5
5
X
Z
B0
.
8
40
.
4
55
.
2
6
5
C
-
5
5
X
Z
B0
.
2
50
.
0
65
.
2
2
6
C
-
5
5
X
Z
B0
.
8
50
.
6
65
.
2
8
6
C
-
5
5
X
Z
B0
.
4
60
.
2
75
.
2
5
7
C
-
5
5
X
Z
B0
.
0
70
.
0
85
.
2
2
8
C
-
5
5
X
Z
B0
.
7
70
.
7
85
.
2
1
9
C
-
5
5
X
Z
B0
.
5
80
.
6
90
.
1
0
0
1
C
-
5
5
X
Z
B0
.
4
96
0
10
.
1
0
1
1
C
-
5
5
X
Z
B4
0
16
1
10
.
1
0
2
1
C
-
5
5
X
Z
B4
1
17
2
10
.
1
0
3
1
C
-
5
5
X
Z
B4
2
11
4
10
.
1
0
5
1
C
-
5
5
X
Z
B8
3
16
5
10
.
1
0
6
1
C
-
5
5
X
Z
B3
5
11
7
10
.
1
0
8
1
C
-
5
5
X
Z
B8
6
11
9
10
.
1
0
0
2
C
-
5
5
X
Z
B8
8
12
1
20
.
1
Notes:
1. Measured with pulses t
p=5 ms
2. The BZX55 - C0V8 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead of "Z". Connect the
cathode lead to the negative pole.
e
p
y
T
r
e
b
m
u
n
+
.
l
o
T
%
2
e
g
a
t
l
o
v
r
e
n
e
Z
e
g
n
a
r
)
1
(
I
t
a
1
T
Z
)
A
m
(
V
Z
)
s
t
l
o
V
(
t
n
e
r
r
u
c
t
s
e
T
I
1
T
Z
)
A
m
(
.
n
i
M.
x
a
M
8
V
0
B
-
5
5
X
Z
B
)
3
(
8
7
.
02
8
.
00
.
5
7
V
2
B
-
5
5
X
Z
B5
3
.
25
4
.
20
.
5
3
B
-
5
5
X
Z
B5
6
.
25
7
.
20
.
5
0
V
3
B
-
5
5
X
Z
B4
9
.
26
0
.
30
.
5
3
V
3
B
-
5
5
X
Z
B3
2
.
37
3
.
30
.
5
6
V
3
B
-
5
5
X
Z
B3
5
.
37
6
.
30
.
5
9
V
3
B
-
5
5
X
Z
B2
8
.
38
9
.
30
.
5
3
V
4
B
-
5
5
X
Z
B1
2
.
49
3
.
40
.
5
7
V
4
B
-
5
5
X
Z
B1
6
.
49
7
.
40
.
5
1
V
5
B
-
5
5
X
Z
B0
0
.
50
2
.
50
.
5
6
V
5
B
-
5
5
X
Z
B9
4
.
51
7
.
50
.
5
2
V
6
B
-
5
5
X
Z
B8
0
.
62
3
.
60
.
5
8
V
6
B
-
5
5
X
Z
B6
6
.
64
9
.
60
.
5
5
V
7
B
-
5
5
X
Z
B5
3
.
75
6
.
70
.
5
2
V
8
B
-
5
5
X
Z
B4
0
.
86
3
.
80
.
5
1
V
9
B
-
5
5
X
Z
B2
9
.
88
2
.
90
.
5
0
1
B
-
5
5
X
Z
B0
8
.
92
.
0
10
.
5
1
1
B
-
5
5
X
Z
B8
.
0
12
.
1
10
.
5
2
1
B
-
5
5
X
Z
B8
.
1
12
.
2
10
.
5
3
1
B
-
5
5
X
Z
B7
.
2
13
.
3
10
.
5
5
1
B
-
5
5
X
Z
B7
.
4
13
.
5
10
.
5
6
1
B
-
5
5
X
Z
B7
.
5
13
.
6
10
.
5
8
1
B
-
5
5
X
Z
B6
.
7
14
.
8
10
.
5
0
2
B
-
5
5
X
Z
B6
.
9
14
.
0
20
.
5
2
2
B
-
5
5
X
Z
B6
.
1
24
.
2
20
.
5
4
2
B
-
5
5
X
Z
B5
.
3
25
.
4
20
.
5
7
2
B
-
5
5
X
Z
B5
.
6
25
.
7
20
.
5
0
3
B
-
5
5
X
Z
B4
.
9
26
.
0
30
.
5
3
3
B
-
5
5
X
Z
B3
.
2
37
.
3
30
.
5
6
3
B
-
5
5
X
Z
B3
.
5
37
.
6
30
.
5
9
3
B
-
5
5
X
Z
B2
.
8
38
.
9
35
.
2
3
4
B
-
5
5
X
Z
B1
.
2
49
.
3
45
.
2
7
4
B
-
5
5
X
Z
B1
.
6
49
.
7
45
.
2
1
5
B
-
5
5
X
Z
B0
.
0
50
.
2
55
.
2
6
5
B
-
5
5
X
Z
B9
.
4
59
.
6
55
.
2
2
6
B
-
5
5
X
Z
B8
.
0
62
.
3
65
.
2
8
6
B
-
5
5
X
Z
B6
.
6
64
.
9
65
.
2
5
7
B
-
5
5
X
Z
B5
.
3
75
.
6
75
.
2
2
8
B
-
5
5
X
Z
B4
.
0
86
.
3
85
.
2
1
9
B
-
5
5
X
Z
B2
.
9
88
.
2
90
.
1
0
0
1
B
-
5
5
X
Z
B0
.
8
92
0
10
.
1
0
1
1
B
-
5
5
X
Z
B8
0
12
1
10
.
1
0
2
1
B
-
5
5
X
Z
B8
1
12
2
10
.
1
0
3
1
B
-
5
5
X
Z
B7
2
13
3
10
.
1
0
5
1
B
-
5
5
X
Z
B7
4
13
5
10
.
1
0
6
1
B
-
5
5
X
Z
B7
5
13
6
10
.
1
0
8
1
B
-
5
5
X
Z
B6
7
14
8
10
.
1
0
0
2
B
-
5
5
X
Z
B6
9
14
0
20
.
1


Similar Part No. - BZX55-y2V7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX55-10 PHILIPS-BZX55-10 Datasheet
41Kb / 7P
   Voltage regulator diodes
1996 Apr 26
BZX55-11 PHILIPS-BZX55-11 Datasheet
41Kb / 7P
   Voltage regulator diodes
1996 Apr 26
BZX55-12 PHILIPS-BZX55-12 Datasheet
41Kb / 7P
   Voltage regulator diodes
1996 Apr 26
BZX55-13 PHILIPS-BZX55-13 Datasheet
41Kb / 7P
   Voltage regulator diodes
1996 Apr 26
BZX55-15 PHILIPS-BZX55-15 Datasheet
41Kb / 7P
   Voltage regulator diodes
1996 Apr 26
More results

Similar Description - BZX55-y2V7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com