Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA78A Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SA78A
Description  Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SA78A Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SA78A Datasheet HTML 1Page - GOOD-ARK Electronics SA78A Datasheet HTML 2Page - GOOD-ARK Electronics SA78A Datasheet HTML 3Page - GOOD-ARK Electronics SA78A Datasheet HTML 4Page - GOOD-ARK Electronics SA78A Datasheet HTML 5Page - GOOD-ARK Electronics SA78A Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
577
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
A=25
oC unless otherwise noted)
e
p
y
t
e
c
i
v
e
D
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
)
3
(
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
e
g
r
u
s
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
e
g
a
t
l
o
v
I
t
a
M
P
P
V
C
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
c
i
f
f
e
o
c
V
f
o
)
R
B
(
/
V
m
(
o
)
C
.
n
i
M.
x
a
M
0
.
5
A
S0
4
.
60
3
.
70
10
.
50
0
61
.
2
56
.
90
.
5
A
0
.
5
A
S
)
4
(
0
4
.
67
0
.
70
10
.
50
0
63
.
4
52
.
90
.
5
0
.
6
A
S7
6
.
65
1
.
80
10
.
60
0
69
.
3
44
.
1
10
.
5
A
0
.
6
A
S7
6
.
67
3
.
70
10
.
60
0
65
.
8
43
.
0
10
.
5
5
.
6
A
S2
2
.
72
8
.
80
15
.
60
0
47
.
0
43
.
2
10
.
5
A
5
.
6
A
S2
2
.
78
9
.
70
15
.
60
0
47
.
4
42
.
1
10
.
5
0
.
7
A
S8
7
.
71
5
.
90
10
.
70
5
16
.
7
33
.
3
10
.
6
A
0
.
7
A
S8
7
.
70
6
.
80
10
.
70
5
17
.
1
40
.
2
10
.
6
5
.
7
A
S3
3
.
82
.
0
10
.
15
.
70
50
.
5
33
.
4
10
.
7
A
5
.
7
A
S3
3
.
81
2
.
90
.
15
.
70
58
.
8
39
.
2
10
.
7
0
.
8
A
S9
8
.
89
.
0
10
.
10
.
85
23
.
3
30
.
5
10
.
7
A
0
.
8
A
S9
8
.
83
8
.
90
.
10
.
85
28
.
6
36
.
3
10
.
7
5
.
8
A
S4
4
.
95
.
1
10
.
15
.
80
14
.
1
39
.
5
10
.
8
A
5
.
8
A
S4
4
.
94
.
0
10
.
15
.
80
17
.
4
34
.
4
10
.
8
0
.
9
A
S0
.
0
12
.
2
10
.
10
.
90
.
56
.
9
29
.
6
10
.
9
A
0
.
9
A
S0
.
0
11
.
1
10
.
10
.
90
.
55
.
2
34
.
5
10
.
9
0
1
A
S1
.
1
16
.
3
10
.
10
.
0
10
.
16
.
6
28
.
8
10
.
0
1
A
0
1
A
S1
.
1
13
.
2
10
.
10
.
0
10
.
14
.
9
20
.
7
10
.
0
1
1
1
A
S2
.
2
19
.
4
10
.
10
.
1
10
.
19
.
4
21
.
0
20
.
1
1
A
1
1
A
S2
.
2
15
.
3
10
.
10
.
1
10
.
15
.
7
22
.
8
10
.
1
1
2
1
A
S3
.
3
13
.
6
10
.
10
.
2
10
.
17
.
2
20
.
2
20
.
2
1
A
2
1
A
S3
.
3
17
.
4
10
.
10
.
2
10
.
11
.
5
29
.
9
10
.
2
1
3
1
A
S4
.
4
16
.
7
10
.
10
.
3
10
.
10
.
1
28
.
3
20
.
3
1
A
3
1
A
S4
.
4
19
.
5
10
.
10
.
3
10
.
13
.
3
25
.
1
20
.
3
1
4
1
A
S6
.
5
11
.
9
10
.
10
.
4
10
.
14
.
9
18
.
5
20
.
4
1
A
4
1
A
S6
.
5
12
.
7
10
.
10
.
4
10
.
16
.
1
22
.
3
20
.
4
1
5
1
A
S7
.
6
14
.
0
20
.
10
.
5
10
.
16
.
8
19
.
6
20
.
6
1
A
5
1
A
S7
.
6
15
.
8
10
.
10
.
5
10
.
15
.
0
24
.
4
20
.
6
1
6
1
A
S8
.
7
18
.
1
20
.
10
.
6
10
.
14
.
7
18
.
8
20
.
9
1
A
6
1
A
S8
.
7
17
.
9
10
.
10
.
6
10
.
12
.
9
10
.
6
20
.
7
1
7
1
A
S9
.
8
11
.
3
20
.
10
.
7
10
.
14
.
6
15
.
0
30
.
0
2
A
7
1
A
S9
.
8
19
.
0
20
.
10
.
7
10
.
11
.
8
16
.
7
20
.
9
1
8
1
A
S0
.
0
24
.
4
20
.
10
.
8
10
.
15
.
5
12
.
2
30
.
1
2
A
8
1
A
S0
.
0
21
.
2
20
.
10
.
8
10
.
11
.
7
12
.
9
20
.
0
2
0
2
A
S2
.
2
21
.
7
20
.
10
.
0
20
.
10
.
4
18
.
5
30
.
5
2
A
0
2
A
S2
.
2
25
.
4
20
.
10
.
0
20
.
14
.
5
14
.
2
30
.
3
2
2
2
A
S4
.
4
28
.
9
20
.
10
.
2
20
.
11
.
3
14
.
9
30
.
8
2
A
2
2
A
S4
.
4
29
.
6
20
.
10
.
2
20
.
11
.
4
15
.
5
30
.
5
2
4
2
A
S7
.
6
26
.
2
30
.
10
.
4
20
.
16
.
1
10
.
3
40
.
1
3
A
4
2
A
S7
.
6
25
.
9
20
.
10
.
4
20
.
19
.
2
19
.
8
30
.
8
2
6
2
A
S9
.
8
23
.
5
30
.
10
.
6
20
.
17
.
0
16
.
6
40
.
1
3
A
6
2
A
S9
.
8
29
.
1
30
.
10
.
6
20
.
19
.
1
11
.
2
40
.
0
3
8
2
A
S1
.
1
30
.
8
30
.
10
.
8
20
.
10
.
0
11
.
0
50
.
5
3
A
8
2
A
S1
.
1
34
.
4
30
.
10
.
8
20
.
10
.
1
14
.
5
40
.
1
3
0
3
A
S3
.
3
37
.
0
40
.
10
.
0
30
.
13
.
95
.
3
50
.
9
3
A
0
3
A
S3
.
3
38
.
6
30
.
10
.
0
30
.
10
14
.
8
40
.
6
3


Similar Part No. - SA78A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA78A MOTOROLA-SA78A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA78A LUGUANG-SA78A Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Won-Top Electronics
SA78A WTE-SA78A Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA78A PANJIT-SA78A Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
logo
MDE Semiconductor, Inc.
SA78A MDE-SA78A Datasheet
63Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA78A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com