Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT159 Datasheet(PDF) 1 Page - Weitron Technology

Part # PZT159
Description  PNP Silicon Planar High Current Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

PZT159 Datasheet(HTML) 1 Page - Weitron Technology

  PZT159 Datasheet HTML 1Page - Weitron Technology PZT159 Datasheet HTML 2Page - Weitron Technology PZT159 Datasheet HTML 3Page - Weitron Technology PZT159 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Value
Unit
Rating
Characteristics
Symbol
Min
Max
Unit
ELECTRICAL CHARACTERISTICS
PZT159
SOT-223
Tstg
Tj
PD
IC(DC)
VEBO
VCEO
VCBO
WEITRON
http://www.weitron.com.tw
PNP Silicon Planar High Current Transistor
(TA=25 C)
Storage, Temperature
*Device mounted in a typical manner on a P.C.B with copper 4 inches x 4 inches(min).
Junction Temperature
Total Device Disspation TA=25°C
Collector Current
Collector to Base Voltage
Collector to Emitter Voltage
Collector to Base Voltage
BVCEO
BVCBO
-60
-100
-
-
Max
-
-
V
V
Collector-Emitter Breakdown Voltage(1)
Collector-Base Breakdown Voltage
IC=-100µA, IE=0
IC=-10mA, IB=0
BVEBO
ICBO
ICES
IEBO
-6
-
-
V
-50
-50
-
-
-
-
nA
nA
-10
-
-
nA
Emitter-Base Breakdown Voltage
IE=-100µA, IC=0
Collector Cut-O Current
VCB=-80V, IE=0
Collector Cut-O Current
VCES=-60V
Emitter-Cut-O Current
VEB=-6V, IC=0
IC(Pulse)
˚C
˚C
W
A
V
V
V
A
Collector Current
-55 to +150
+150
3
-15
-5
-6
-60
-100
Device Marking
PZT159 =159
3.EMITTER
2.COLLECTOR
1.BASE
4.COLLECTOR
1
2
3
4
BASE
1
COLLECTOR
2, 4
3
EM ITTER
1/4
11-Jul-07
Lead(Pb)-Free
P b


Similar Part No. - PZT159

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
PZT159 SECOS-PZT159 Datasheet
562Kb / 2P
   High Current Transistor
PZT159 SECOS-PZT159_15 Datasheet
562Kb / 2P
   PNP Silicon Planar
More results

Similar Description - PZT159

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
PZT951 WEITRON-PZT951 Datasheet
193Kb / 4P
   PNP Silicon Planar High Current Transistor
logo
E-Tech Electronics LTD
GL949 ETL-GL949 Datasheet
454Kb / 2P
   PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
logo
GTM CORPORATION
GL159 GTM-GL159 Datasheet
326Kb / 2P
   PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
GL949 GTM-GL949 Datasheet
452Kb / 2P
   PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
GL359 GTM-GL359 Datasheet
330Kb / 2P
   PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
logo
Guangdong Kexin Industr...
FZT949 KEXIN-FZT949 Datasheet
38Kb / 2P
   PNP Silicon Planar High Current (High Performance) Transistor
logo
Fairchild Semiconductor
ZTX955STZ FAIRCHILD-ZTX955STZ Datasheet
76Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
Diodes Incorporated
ZTX951 DIODES-ZTX951 Datasheet
75Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX968 DIODES-ZTX968 Datasheet
110Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX953 DIODES-ZTX953 Datasheet
75Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com