Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT772 Datasheet(PDF) 2 Page - Weitron Technology

Part # PZT772
Description  PNP Silicon Epitaxial Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

PZT772 Datasheet(HTML) 2 Page - Weitron Technology

  PZT772 Datasheet HTML 1Page - Weitron Technology PZT772 Datasheet HTML 2Page - Weitron Technology PZT772 Datasheet HTML 3Page - Weitron Technology PZT772 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WEITRON
http://www.weitron.com.tw
ELECTRICAL CHARACTERISTICS (TA=25˚C Unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS(1)
DC Current Gain
VCE=-2V, IC=-20mA
VCE=-2V, IC=-1A
Collector-Emitter Saturation Voltage
IC=-2A, IB=-0.2A
IC=-2A, IB=-0.2A
Base-Emitter On Voltage
Transition Frequency
Output Capacitance
VCB=-10V, IE=0, f=1MHz
VCE=-20V, IC=-20mA, f=100MHz
hFE1
hFE2
30
100
-
160
-
500
-
VCE(sat)
VBE(sat)
-
-0.3
-0.5
V
-
-1.0
-2.0
V
-
80
-
MHz
fT
-
55
-
pF
Cob
2/4
Note 1.Pulse Test : Pulse width < 380µs, Duty cycle ≤ 2%.
CLASSIFICATION of hFE2
Rank
Range
Q
P
E
100-200
160-320
250-500
PZT772
07-Feb-07


Similar Part No. - PZT772

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
PZT772 SECOS-PZT772 Datasheet
524Kb / 2P
   Epitaxial Planar Transistor
PZT772J SECOS-PZT772J Datasheet
319Kb / 2P
   PNP Plastic Encapsulated Transistor
PZT772J-Y SECOS-PZT772J-Y Datasheet
319Kb / 2P
   PNP Plastic Encapsulated Transistor
PZT772J-Y-C SECOS-PZT772J-Y-C Datasheet
319Kb / 2P
   PNP Plastic Encapsulated Transistor
PZT772 SECOS-PZT772_15 Datasheet
524Kb / 2P
   PNP Transistor
More results

Similar Description - PZT772

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com