Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC5367B Datasheet(PDF) 2 Page - Weitron Technology

Part # SMC5367B
Description  Surface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SMC5367B Datasheet(HTML) 2 Page - Weitron Technology

  SMC5367B Datasheet HTML 1Page - Weitron Technology SMC5367B Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Max.
DC Zener
Current
IZM
Nom. V
mA
mA
mA
uA
V
mA
SMC5342B
6.8
175.0
1.0
175.0
200.0
1.00
150.0
5.2
700.0
42B
SMC5343B
7.5
175.0
1.5
175.0
200.0
1.00
150.0
5.7
630.0
43B
SMC5344B
8.2
150.0
1.5
150.0
200.0
1.00
150.0
6.2
580.0
44B
SMC5345B
8.7
150.0
2.0
150.0
200.0
1.00
150.0
6.6
545.0
45B
SMC5346B
9.1
150.0
2.0
150.0
150.0
1.00
150.0
6.9
520.0
46B
SMC5347B
10.0
125.0
2.0
125.0
125.0
1.00
150.0
7.6
475.0
47B
SMC5348B
11.0
125.0
2.5
125.0
125.0
1.00
50.0
8.4
430.0
48B
SMC5349B
12.0
100.0
3.0
100.0
125.0
1.00
2.0
9.1
395.0
49B
SMC5350B
13.0
100.0
3.0
100.0
100.0
1.00
1.0
9.9
365.0
50B
SMC5351B
14.0
100.0
3.0
100.0
75.0
1.00
1.0
10.6
340.0
51B
SMC5352B
15.0
75.0
3.0
75.0
75.0
1.00
1.0
11.5
315.0
52B
SMC5353B
16.0
75.0
3.0
75.0
75.0
1.00
1.0
12.2
295.0
53B
SMC5354B
17.0
70.0
3.0
70.0
75.0
1.00
0.5
12.9
280.0
54B
SMC5355B
18.0
65.0
3.0
65.0
75.0
1.00
0.5
13.7
265.0
55B
SMC5356B
19.0
65.0
3.0
65.0
75.0
1.00
0.5
14.4
250.0
56B
SMC5357B
20.0
65.0
3.0
65.0
75.0
1.00
0.5
15.2
237.0
57B
SMC5358B
22.0
50.0
4.0
50.0
75.0
1.00
0.5
16.7
216.0
58B
SMC5359B
24.0
50.0
4.0
50.0
100.0
1.00
0.5
18.2
198.0
59B
SMC5360B
25.0
50.0
4.0
50.0
110.0
1.00
0.5
19.0
190.0
60B
SMC5361B
27.0
50.0
5.0
50.0
120.0
1.00
0.5
20.6
176.0
61B
SMC5362B
28.0
50.0
6.0
50.0
130.0
1.00
0.5
21.2
170.0
62B
SMC5363B
30.0
40.0
8.0
40.0
140.0
1.00
0.5
22.8
158.0
63B
SMC5364B
33.0
40.0
10.0
40.0
150.0
1.00
0.5
25.1
144.0
64B
SMC5365B
36.0
30.0
11.0
30.0
160.0
1.00
0.5
27.4
132.0
65B
SMC5366B
39.0
30.0
14.0
30.0
170.0
1.00
0.5
29.7
122.0
66B
SMC5367B
43.0
30.0
20.0
30.0
190.0
1.00
0.5
32.7
110.0
67B
SMC5368B
47.0
25.0
25.0
25.0
210.0
1.00
0.5
35.8
100.0
68B
SMC5369B
51.0
25.0
27.0
25.0
230.0
1.00
0.5
38.8
93.0
69B
SMC5370B
56.0
20.0
35.0
20.0
280.0
1.00
0.5
42.6
86.0
70B
SMC5371B
60.0
20.0
40.0
20.0
350.0
1.00
0.5
42.5
79.0
71B
SMC5372B
62.0
20.0
42.0
20.0
400.0
1.00
0.5
47.1
76.0
72B
SMC5373B
68.0
20.0
44.0
20.0
500.0
1.00
0.5
51.7
70.0
73B
SMC5374B
75.0
20.0
45.0
20.0
620.0
1.00
0.5
56.0
63.0
74B
SMC5375B
82.0
15.0
65.0
15.0
720.0
1.00
0.5
62.2
58.0
75B
SMC5376B
87.0
15.0
75.0
15.0
760.0
1.00
0.5
66.0
54.5
76B
SMC5377B
91.0
15.0
75.0
15.0
760.0
1.00
0.5
69.2
52.5
77B
SMC5378B
100.0
12.0
90.0
12.0
800.0
1.00
0.5
76.0
47.5
78B
Marking
Code
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Part
Number
Nominal Zener
Voltage
Max. Zener Impedance
Max. Reverse
Leakage Current
2/2
Rev.A 04-Nov-09
SMC5342B series
WEITRON
http://www.weitron.com.tw
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
UNIT
W
°C
°C
Storage Temperature Range
TSTG
-55 to +175
Parameter
Symbol
Value
Junction Temperature Range
TJ
DC Power Dissipation at TL = 50°C
PD
5.0
-55 to +175


Similar Part No. - SMC5367B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMC5367B PACELEADER-SMC5367B Datasheet
360Kb / 2P
   SURFACE MOUNT ZENER TYPE
logo
Dc Components
SMC5367B DCCOM-SMC5367B Datasheet
50Kb / 2P
   RECTIFIER SPECIALISTS
logo
Yangzhou yangjie electr...
SMC5367B YANGJIE-SMC5367B Datasheet
481Kb / 5P
   Limiting Values (Absolute Maximum Rating, Ta=25??Unless otherwise specified)
logo
Anova Technologies CO.,...
SMC5367B ANOVA-SMC5367B Datasheet
252Kb / 4P
   Surface Mount Zener Diodes
More results

Similar Description - SMC5367B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com