Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89CV51RB2FBC Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P89CV51RB2FBC
Description  8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89CV51RB2FBC Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P89CV51RB2FBC Datasheet HTML 4Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 5Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 6Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 7Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 8Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 9Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 10Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 11Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
P89CV51RB2_RC2_RD2_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 25 August 2009
8 of 76
NXP Semiconductors
P89CV51RB2/RC2/RD2
80C51 with 1 kB RAM, SPI
[1]
ALE loading issue: When ALE pin experiences higher loading (> 30 pF) during the reset, the microcontroller may accidentally enter into
modes other than normal working mode. The solution is to add a pull-up resistor from 3 k
Ω to 50 kΩ between e.g., ALE pin and V
DD.
[2]
For 6-clock mode, ALE is emitted at 1
3 of crystal frequency.
RST
10
4
I
Reset: While the oscillator is running, a HIGH logic state on this pin for two
machine cycles will reset the device.
EA
35
29
I
External Access Enable: EA must be connected to VSS in order to enable
the device to fetch code from the external program memory. EA must be
strapped to VDD for internal program execution.
ALE
33
27
I/O
Address Latch Enable: ALE is the output signal for latching the low byte of
the address during an access to external memory. Normally the ALE[1] is
emitted at a constant rate of 1
6 the crystal frequency
[2] and can be used for
external timing and clocking. One ALE pulse is skipped during each access
to external data memory. However, if bit AO is set to 1, ALE is disabled.
XTAL1
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal
clock generator circuits.
XTAL2
20
14
O
Crystal 2: Output from the inverting oscillator amplifier.
VDD
44
38
supply
Power supply
VSS
22
16
supply
Ground
Table 3.
P89CV51RB2/RC2/RD2 Pin description …continued
Symbol
Pin
Type
Description
PLCC44
TQFP44


Similar Part No. - P89CV51RB2FBC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89CV51RB2FBC NXP-P89CV51RB2FBC Datasheet
326Kb / 73P
   8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Rev. 01-5 October 2007
More results

Similar Description - P89CV51RB2FBC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89CV51RB2 NXP-P89CV51RB2 Datasheet
326Kb / 73P
   8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Rev. 01-5 October 2007
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com