Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9555N Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA9555N
Description  16-bit I2C-bus and SMBus I/O port with interrupt
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9555N Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA9555N Datasheet HTML 15Page - NXP Semiconductors PCA9555N Datasheet HTML 16Page - NXP Semiconductors PCA9555N Datasheet HTML 17Page - NXP Semiconductors PCA9555N Datasheet HTML 18Page - NXP Semiconductors PCA9555N Datasheet HTML 19Page - NXP Semiconductors PCA9555N Datasheet HTML 20Page - NXP Semiconductors PCA9555N Datasheet HTML 21Page - NXP Semiconductors PCA9555N Datasheet HTML 22Page - NXP Semiconductors PCA9555N Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
PCA9555_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 22 October 2009
19 of 34
NXP Semiconductors
PCA9555
16-bit I2C-bus and SMBus I/O port with interrupt
[2]
Each I/O must be externally limited to a maximum of 25 mA and each octal (IO0_0 to IO0_7 and IO1_0 to IO1_7) must be limited to a
maximum current of 100 mA for a device total of 200 mA.
[3]
The total current sourced by all I/Os must be limited to 160 mA.
(1) IOH = −8mA
(2) IOH = −10 mA
(1) IOH = −8mA
(2) IOH = −10 mA
Fig 20. VOH maximum
Fig 21. VOH minimum
VDD = 5.5 V; VI/O = 5.5 V; A2, A1, A0 set to logic 0.
(1) Tamb = −40 °C
(2) Tamb = +25 °C
(3) Tamb = +85 °C
Fig 22. IDD versus number of I/Os held LOW
2.0
5.0
4.0
3.0
6.0
VOH
(V)
VDD (V)
2.7
5.5
3.6
002aac706
(1)
(2)
2.5
3.5
4.5
VOH
(V)
1.5
VDD (V)
2.3
4.75
3.0
002aac707
(1)
(2)
0
1.2
0.8
0.4
1.6
IDD
(mA)
number of I/Os
002aac705
all 1s
all 0s
one 0
three 0s
(1)
(2)
(3)


Similar Part No. - PCA9555N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9555N PHILIPS-PCA9555N Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9555N NXP-PCA9555N Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555N NXP-PCA9555N Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Texas Instruments
PCA9555N TI1-PCA9555N Datasheet
1Mb / 42P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
More results

Similar Description - PCA9555N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555_08 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
NXP Semiconductors
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9535 NXP-PCA9535 Datasheet
190Kb / 32P
   16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03-4 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com