Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF4002 Datasheet(PDF) 1 Page - Weitron Technology

Part # UF4002
Description  Axial Lead Ultra Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

UF4002 Datasheet(HTML) 1 Page - Weitron Technology

  UF4002 Datasheet HTML 1Page - Weitron Technology UF4002 Datasheet HTML 2Page - Weitron Technology UF4002 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UF4001 thru UF4007
DO-41
Lead(Pb)-Free
P b
Axial Lead Ultra Fast Rectifiers
WEITRON
http://www.weitron.com.tw
DO-41 Outline Dimensions
Axial Device (Through-Hole)
Features:
*Low forward voltage drop
*High current capability
*High reliability
*High surge current capability
*High speed switching
*Case: Molded plastic
*Epoxy: UL 94V-0 rate ame retardant
*Lead: Axial leads, solderable per
*MIL-STD-202, method 208 guranteed
*Polarity: Color band denotes cathode en
*Mounting position: Any
*Weight: 0.34grams
Mechanical Data:
REVERSE VOLTAGE
50-1000 VOLTS
FORWARD CURRENT
1.0 AMPERE
1/3
09-Aug-07


Similar Part No. - UF4002

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
UF4002 EIC-UF4002 Datasheet
52Kb / 2P
   UTRAFAST EFFICIENT RECTIFIER DIODES
logo
Won-Top Electronics
UF4002 WTE-UF4002 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
Nanjing International G...
UF4002 DGNJDZ-UF4002 Datasheet
139Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
UF4002 LRC-UF4002 Datasheet
289Kb / 7P
   Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
List of Unclassifed Man...
UF4002 ETC1-UF4002 Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results

Similar Description - UF4002

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
UF5401 WEITRON-UF5401 Datasheet
915Kb / 3P
   Axial Lead Ultra Fast Rectifiers
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
logo
Weitron Technology
SF21 WEITRON-SF21 Datasheet
1Mb / 3P
   Axial Lead Super Fast Rectifiers
logo
ON Semiconductor
MR850 ONSEMI-MR850_11 Datasheet
87Kb / 4P
   Axial Lead Fast Recovery Rectifiers
May, 2011 ??Rev. 6
MR850 ONSEMI-MR850 Datasheet
43Kb / 4P
   Axial Lead Fast Recovery Rectifiers
July, 2006 ??Rev. 5
logo
Formosa MS
MUR4100 FORMOSA-MUR4100 Datasheet
100Kb / 6P
   Axial Leaded Ultra Fast Rectifiers
MUR460 FORMOSA-MUR460 Datasheet
99Kb / 6P
   Axial Leaded Ultra Fast Rectifiers
MUR260 FORMOSA-MUR260 Datasheet
99Kb / 6P
   Axial Leaded Ultra Fast Rectifiers
logo
Electronic devices inc.
RWB EDI-RWB Datasheet
75Kb / 2P
   5 AMPERE FAST RECOVERY AXIAL LEAD RECTIFIERS
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
   Axial Lead Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com