Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5603BEMLQR Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC5603BEMLQR
Description  MPC5604B/C Microcontroller Data Sheet
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5603BEMLQR Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC5603BEMLQR Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5603BEMLQR Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5603BEMLQR Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5603BEMLQR Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5603BEMLQR Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5603BEMLQR Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5603BEMLQR Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5603BEMLQR Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5603BEMLQR Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
Electrical characteristics
MPC5604B/C Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
11
In the tables where the device logic provides signals with their respective timing characteristics, the symbol “CC” for Controller
Characteristics is included in the Symbol column.
In the tables where the external system must provide signals with their respective timing characteristics to the device, the symbol
“SR” for System Requirement is included in the Symbol column.
CAUTION
All of the following figures are indicative and must be confirmed during either silicon validation, silicon characterization or
silicon reliability trial.
4.2
Parameter classification
The electrical parameters shown in this supplement are guaranteed by various methods. To give the customer a better
understanding, the classifications listed in Table 3 are used and the parameters are tagged accordingly in the tables where
appropriate.
NOTE
The classification is shown in the column labeled “C” in the parameter tables where
appropriate.
4.3
NVUSRO register
Portions of the device configuration, such as high voltage supply, oscillator margin, and watchdog enable/disable after reset are
controlled via bit values in the Non-Volatile User Options Register (NVUSRO) register.
4.3.1
NVUSRO[PAD3V5V] field description
Table 4 shows how NVUSRO[PAD3V5V] controls the device configuration.
The DC electrical characteristics are dependent on the PAD3V5V bit value.
Table 3. Parameter classifications
Classification tag
Tag description
P
Those parameters are guaranteed during production testing on each individual device.
C
Those parameters are achieved by the design characterization by measuring a statistically
relevant sample size across process variations.
T
Those parameters are achieved by design characterization on a small sample size from typical
devices under typical conditions unless otherwise noted. All values shown in the typical column
are within this category.
D
Those parameters are derived mainly from simulations.
Table 4. PAD3V5V field description1
1 See the device reference manual for more information on the NVUSRO register.
Value2
2 '1' is delivery value. It is part of shadow Flash, thus programmable by customer.
Description
0
High voltage supply is 5.0 V
1
High voltage supply is 3.3 V


Similar Part No. - MPC5603BEMLQR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5603B FREESCALE-MPC5603B Datasheet
243Kb / 2P
   Qorivva MPC560xB/C/D Family
MPC5603B FREESCALE-MPC5603B Datasheet
243Kb / 2P
   Qorivva MPC560xBCD Family
logo
NXP Semiconductors
MPC5603B1CLH4R NXP-MPC5603B1CLH4R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
MPC5603B1CLH6R NXP-MPC5603B1CLH6R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
MPC5603B1CLL4R NXP-MPC5603B1CLL4R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
More results

Similar Description - MPC5603BEMLQR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC5604BC NXP-MPC5604BC Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
logo
Freescale Semiconductor...
SPC5604BF2MLL6 FREESCALE-SPC5604BF2MLL6 Datasheet
1,021Kb / 109P
   MPC5604B/C Microcontroller
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
   Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
   Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
   Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
   Microcontroller Data Sheet
Rev. 3, June 2012
logo
Freescale Semiconductor...
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
   MPC5604E Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
   MPC5668x Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
   MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com