Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5604BEMLLR Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5604BEMLLR
Description  MPC5604B/C Microcontroller Data Sheet
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604BEMLLR Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5604BEMLLR Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5604BEMLLR Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5604BEMLLR Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5604BEMLLR Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5604BEMLLR Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5604BEMLLR Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5604BEMLLR Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5604BEMLLR Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5604BEMLLR Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
General description
MPC5604B/C Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
3
1
General description
1.1
Introduction
The MPC5604B/C is a family of next generation microcontrollers built on the Power Architecture™ embedded category. This
document describes the features of the family and options available within the family members, and highlights important
electrical and physical characteristics of the device1.
The MPC5604B/C family of 32-bit microcontrollers is the latest achievement in integrated automotive application controllers.
It belongs to an expanding family of automotive-focused products designed to address the next wave of body electronics
applications within the vehicle. The advanced and cost-efficient host processor core of the MPC5604B/C automotive controller
family complies with the Power Architecture embedded category and only implements the VLE (variable-length encoding)
APU, providing improved code density. It operates at speeds of up to 64 MHz and offers high performance processing optimized
for low power consumption. It capitalizes on the available development infrastructure of current Power Architecture devices
and is supported with software drivers, operating systems and configuration code to assist with users implementations.
1.For a correct use of the datasheet, it’s recommended of referring to the errata sheet.
Table 1. MPC5604B/C device comparison1
Feature
Device
MPC560
2BxLL
MPC560
2BxLQ
MPC560
2CxLL
MPC560
3BxLL
MPC560
3BxLQ
MPC560
3CxLL
MPC560
4BxLL
MPC560
4BxLQ
MPC560
4BxMG
MPC560
4CxLL
CPU
e200z0h
Execution
speed2
Static - 64 MHz
Code Flash
256 KB
384 KB
512 KB
Data Flash
64 KB (4 × 16 KB)
RAM
24 KB
32 KB
28 KB
40 KB
32 KB
48 KB
MPU
8-entry
ADC
28 ch,
10-bit
36 ch,
10-bit
28 ch, 10-bit
36 ch,
10-bit
28 ch,
10-bit
28 ch,
10-bit
36 ch,
10-bit
36 ch,
10-bit
28 ch,
10-bit
CTU
Yes
Total timer
I/O3
eMIOS
28 ch,
16-bit
56 ch,
16-bit
28 ch, 16-bit
56ch,
16-bit
28 ch, 16-bit
56 ch, 16-bit
28 ch,
16-bit
• PWM + MC
+ IC/OC4
5 ch
10 ch
5 ch
5 ch
10 ch
5 ch
5 ch
10 ch
10 ch
5 ch
• PWM +
IC/OC4
20 ch
40 ch
20 ch
20 ch
40 ch
20 ch
20 ch
40 ch
40 ch
20 ch
• IC/OC4
3ch
6ch
3ch
3ch
6ch
3ch
3 ch
6ch
6ch
3ch
SCI (LINFlex)
3
4
4
4
4
4
SPI (DSPI)
3
CAN
(FlexCAN)
2
6
3
6
3
3
6
6


Similar Part No. - MPC5604BEMLLR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5604BEMLQ FREESCALE-MPC5604BEMLQ Datasheet
892Kb / 98P
   Microcontroller
MPC5604BEMLU FREESCALE-MPC5604BEMLU Datasheet
892Kb / 98P
   Microcontroller
More results

Similar Description - MPC5604BEMLLR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC5604BC NXP-MPC5604BC Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
logo
Freescale Semiconductor...
SPC5604BF2MLL6 FREESCALE-SPC5604BF2MLL6 Datasheet
1,021Kb / 109P
   MPC5604B/C Microcontroller
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
   Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
   Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
   Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
   Microcontroller Data Sheet
Rev. 3, June 2012
logo
Freescale Semiconductor...
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
   MPC5604E Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
   MPC5668x Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
   MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com