Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU26040V-16A Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU26040V-16A
Description  Digital Signal Processor for 2ch Speaker System
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU26040V-16A Datasheet(HTML) 4 Page - New Japan Radio

  NJU26040V-16A Datasheet HTML 1Page - New Japan Radio NJU26040V-16A Datasheet HTML 2Page - New Japan Radio NJU26040V-16A Datasheet HTML 3Page - New Japan Radio NJU26040V-16A Datasheet HTML 4Page - New Japan Radio NJU26040V-16A Datasheet HTML 5Page - New Japan Radio NJU26040V-16A Datasheet HTML 6Page - New Japan Radio NJU26040V-16A Datasheet HTML 7Page - New Japan Radio NJU26040V-16A Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
! NJU26040-16A
- 4 -
Ver.2008-03-06
Pin Description
Table 1 Pin Description
Pin No.
Symbol
I/O
Description
1, 7, 8, 25
VDD
-
Power Supply +3.3V
2
SDA / SDOUT
OD
I
2C I/O / 4-wire Serial Output
This pin requires a pull-up.
3
SCL / SCK
I
I
2C Clock / Serial Clock
4
AD1 / SDIN
I
I
2C Address / Serial Input
5
AD2 / SSb
I
I
2C Address / Serial Enable
6
RESETb
I
Reset (RESETb=’Low’: DSP Reset)
9, 24, 32
VSS
-
GND
10
CLKOUT
O
OSC Output
11
CLK
I
OSC Clock Input
12
SDI2
I
Audio Data Input 2
13
SDI1
I
Audio Data Input 1
14
SDI0
I
Audio Data Input 0
15
LRI
I
LR Clock Input
16
BCKI
I
Bit Clock Input
17
BCKO
O
Bit Clock Output
18
LRO
O
LR Clock Output
19
SDO0
O
Audio Data Output 0
20
SDO1
O
Audio Data Output 1
21
TEST
O
for Test
(Do not connect)
22
MCK
O
Master Clock Output for A/D, D/A
23, 30, 31
TEST
I -
for Test
(connect to VSS)
26
WDC
I/O +
Watch Dog Clock Output (Open drain output)
27
MUTEb
I/O -
Master Volume level, After Reset DSP ,“1”:0dB, “0”: Mute
28
PROC
I/O -
After Reset DSP, “1”: Normal, “0”: Wait for start command
29
SEL
I/O -
Select I
2C or Serial bus (“1”: Serial / “0”: I2C-bus)
Note :
I
: Input
I -
: Input (Pull-down)
O
: Output
O +
: Output (with Pull-up resistance)
OD
: Bi-directional (Open Drain)
This pin requires a pull-up resistance.


Similar Part No. - NJU26040V-16A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26040V-09D NJRC-NJU26040V-09D Datasheet
257Kb / 13P
   SRS TruSurround HD/HD4 Decoder
More results

Similar Description - NJU26040V-16A

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
A88 A1PROS-A88 Datasheet
839Kb / 23P
   Digital Image Signal Processor (ISP) for Security Camera System
logo
New Japan Radio
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
logo
Samsung semiconductor
S5L986F02 SAMSUNG-S5L986F02 Datasheet
480Kb / 35P
   DIGITAL SIGNAL PROCESSOR FOR DISCMAN
logo
New Japan Radio
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
logo
Samsung semiconductor
KS9286B SAMSUNG-KS9286B Datasheet
298Kb / 35P
   DIGITAL SIGNAL PROCESSOR for CDP
logo
New Japan Radio
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
logo
Hitachi Semiconductor
HD49235FS HITACHI-HD49235FS Datasheet
192Kb / 41P
   Digital Signal Processor for CD
logo
New Japan Radio
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
   Digital Signal Processor for TV
logo
Samsung semiconductor
S5L986F01 SAMSUNG-S5L986F01 Datasheet
599Kb / 35P
   DIGITAL SIGNAL PROCESSOR FOR CDP
logo
Renesas Technology Corp
M61201SP RENESAS-M61201SP Datasheet
428Kb / 14P
   TV SIGNAL PROCESSOR FOR MULTI SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com