Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU26040V-16A Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU26040V-16A
Description  Digital Signal Processor for 2ch Speaker System
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU26040V-16A Datasheet(HTML) 7 Page - New Japan Radio

  NJU26040V-16A Datasheet HTML 1Page - New Japan Radio NJU26040V-16A Datasheet HTML 2Page - New Japan Radio NJU26040V-16A Datasheet HTML 3Page - New Japan Radio NJU26040V-16A Datasheet HTML 4Page - New Japan Radio NJU26040V-16A Datasheet HTML 5Page - New Japan Radio NJU26040V-16A Datasheet HTML 6Page - New Japan Radio NJU26040V-16A Datasheet HTML 7Page - New Japan Radio NJU26040V-16A Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJU26040-16A
-7-
Ver.2008-03-06
Pin setting
The NJU26040-16A operates default command setting after resetting the NJU26040-16A. In addition, the
NJU26040-16A restricts operation at power on by setting PROC pin and MUTEb pin (Table 8). These pins are input pin.
However, these pins operate as bi-directional pins. Connect with VDDIO or VSSIO through 3.3kΩ resistance.
Table 7
Pin setting
Pin No.
Symbol
Setting
Function
“High”
The NJU26040-16A operates default setting after reset.
28
PROC
“Low”
The NJU26040-16A does not operate after reset. Sending start
command is required for starting operation.
“High”
Master volume is set 0dB after reset.
27
MUTEb
“Low”
Master volume is set mute after reset.
Watch Dog Clock
The NJU26040-16A outputs clock pulse through WDC (No.26) pin during normal operation. (Table 9)
Table 8 Watch Dog Clock Output Cycle
WDC Output Cycle (Low/High) Time
100ms
The NJU26040-16A generates a clock pulse through the WDC terminal after resetting the NJU26040-16A. The WDC clock is
useful to check the status of the NJU26040-16A operation. For example, a microcomputer monitors the WDC clock and
checks the status of the NJU26040-16A. When the WDC clock pulse is lost or not normal clock cycle, the NJU26040-16A
does not operate correctly. Then reset the NJU26040-16A and set up the NJU26040-16A again.
Note:
If input and output of an audio signal stop and an audio interface stops, WDC can’t output.
That is because it has controlled based on the signal of an audio interface.


Similar Part No. - NJU26040V-16A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26040V-09D NJRC-NJU26040V-09D Datasheet
257Kb / 13P
   SRS TruSurround HD/HD4 Decoder
More results

Similar Description - NJU26040V-16A

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
A88 A1PROS-A88 Datasheet
839Kb / 23P
   Digital Image Signal Processor (ISP) for Security Camera System
logo
New Japan Radio
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
logo
Samsung semiconductor
S5L986F02 SAMSUNG-S5L986F02 Datasheet
480Kb / 35P
   DIGITAL SIGNAL PROCESSOR FOR DISCMAN
logo
New Japan Radio
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
logo
Samsung semiconductor
KS9286B SAMSUNG-KS9286B Datasheet
298Kb / 35P
   DIGITAL SIGNAL PROCESSOR for CDP
logo
New Japan Radio
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
logo
Hitachi Semiconductor
HD49235FS HITACHI-HD49235FS Datasheet
192Kb / 41P
   Digital Signal Processor for CD
logo
New Japan Radio
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
   Digital Signal Processor for TV
logo
Samsung semiconductor
S5L986F01 SAMSUNG-S5L986F01 Datasheet
599Kb / 35P
   DIGITAL SIGNAL PROCESSOR FOR CDP
logo
Renesas Technology Corp
M61201SP RENESAS-M61201SP Datasheet
428Kb / 14P
   TV SIGNAL PROCESSOR FOR MULTI SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com