Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM160-N Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # FM160-N
Description  CHIIIP SCHOTTKY BARRIIIER RECTIIIFIIIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

FM160-N Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  FM160-N Datasheet HTML 1Page - PACELEADER INDUSTRIAL FM160-N Datasheet HTML 2Page - PACELEADER INDUSTRIAL FM160-N Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.1
1.0
.01
10
50
Rating and characteristic curves (FM120-N THRU FM1100-N)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.2
0.4
0.6
0.8
1.0
1.2
350
300
250
200
150
100
50
0
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
.01
T =75 C
J
FM
18
0-
N~
FM
11
00
-N
T =25 C
J
T =25 C
J
AMBIENT TEMPERATURE,( C)
0
0
20
40
60
80
100
120
140
160
180
200
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
12
6
18
30
24
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
FM120-N THRU FM1100-N
2
www.paceleader.tw
CHIP SCHOTTKY BARRIER RECTIFIER
CHIP SCHOTTKY BARRIER RECTIFIER
CHIP SCHOTTKY BARRIER RECTIFIER
CHIP SCHOTTKY BARRIER RECTIFIER


Similar Part No. - FM160-N

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM160-N FORMOSA-FM160-N Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM160-N FORMOSA-FM160-N Datasheet
37Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Frontier Electronics.
FM160-N FRONTIER-FM160-N Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - FM160-N

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SM5817 CHENDA-SM5817 Datasheet
615Kb / 2P
   SCHOTTKY
logo
IXYS Corporation
DSB60C45PB IXYS-DSB60C45PB Datasheet
113Kb / 2P
   Schottky
logo
Microdiode Electronics ...
LM5817 CHENDA-LM5817 Datasheet
710Kb / 2P
   SCHOTTKY MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
RB550V-30 AITSEMI-RB550V-30 Datasheet
615Kb / 7P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.1
RB551V-30 AITSEMI-RB551V-30 Datasheet
424Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB050L-40 AITSEMI-RB050L-40 Datasheet
454Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB491D AITSEMI-RB491D Datasheet
447Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB520S-30 AITSEMI-RB520S-30 Datasheet
427Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.2
B5817W AITSEMI-B5817W Datasheet
566Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB751V-40 AITSEMI-RB751V-40 Datasheet
436Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com