Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA6853M Datasheet(PDF) 3 Page - Sanken electric

Part # SMA6853M
Description  High Voltage 3-Phase Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6853M Datasheet(HTML) 3 Page - Sanken electric

  SMA6853M Datasheet HTML 1Page - Sanken electric SMA6853M Datasheet HTML 2Page - Sanken electric SMA6853M Datasheet HTML 3Page - Sanken electric SMA6853M Datasheet HTML 4Page - Sanken electric SMA6853M Datasheet HTML 5Page - Sanken electric SMA6853M Datasheet HTML 6Page - Sanken electric SMA6853M Datasheet HTML 7Page - Sanken electric SMA6853M Datasheet HTML 8Page - Sanken electric SMA6853M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
High Voltage 3-Phase Motor Driver
SMA6853M
3
VCC 2
LIN1
VCC1
HIN 1
COM1
VB1
HO 3
HS 3
LIN2
LIN3
FO
COM 2
LO 1
LO 2
LO 3
M
MC U
15 V
HVIC
LVIC
HIN 2
HIN 3
VB2 VB3
HO 2
HO 1
HS 1
HS 2
10
9
1
4
3
6
5
7
8
24
12
11
14
13
17
15
23
22
19
18
20
21
2
VREG
16
NOTE:
▪ All of the input pins are connected to GND with internal pull-down resistors rated at 100 kΩ, however, an external pull-down
resistor may be required to secure stable condition of the inputs if high impedance conditions are applied to them.
▪ The external electrolytic capacitors should be placed as close to the IC as possible, in order to avoid malfunctions from
external noise interference. Put a ceramic capacitor in parallel with the electrolytic capacitor if further reduction of noise
susceptibility is necessary.
Typical Application Diagram
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


Similar Part No. - SMA6853M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA6853M SANKEN-SMA6853M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6853MX SANKEN-SMA6853MX Datasheet
615Kb / 13P
   High Voltage 3-Phase Motor Driver ICs
More results

Similar Description - SMA6853M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com