Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD02N Datasheet(PDF) 3 Page - Sanken electric

Part # STD02N
Description  Darlington Transistors for Audio Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STD02N Datasheet(HTML) 3 Page - Sanken electric

  STD02N Datasheet HTML 1Page - Sanken electric STD02N Datasheet HTML 2Page - Sanken electric STD02N Datasheet HTML 3Page - Sanken electric STD02N Datasheet HTML 4Page - Sanken electric STD02N Datasheet HTML 5Page - Sanken electric STD02N Datasheet HTML 6Page - Sanken electric STD02N Datasheet HTML 7Page - Sanken electric STD02N Datasheet HTML 8Page - Sanken electric STD02N Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Darlington Transistors for Audio Amplifiers
STD02N and
STD02P
3
Sanken Electric Co., Ltd.
3-6-3 Kitano, Niiza-shi, Saitama-ken
352-8666, Japan
Phone:+81-48-472-1111
http://www.sanken-ele.co.jp
12
10
8
6
4
2
0
12
10
8
6
4
2
0
130
100
50
0
02
4
6
VCE (V)
0
1
2
3
0.0001
0.001
0.01
0.1
1
7 A
10 A
IC=5 A
0
0.5
1.0
1.5
2.0
2.5
0.1
1
10
100
1
10
0
0.5
1.0
1.5
2.0
1
10
100
1000
0.01
0.10
1.00
10.00
110
100
1000
PC vs. TA
0
25
50
75
100
125
150
TA (°C)
Without Heatsink
3.5
IC vs. VCE
VCE(sat) vs. IB
hFE vs. IC
IC vs. VBE
RθJA vs. t
IF vs. VF
For Diode
Safe Operating
Area
1.2 mA
1.0 mA
0.8 mA
0.6 mA
0.4 mA
125°C
10
ms
DC
100
ms
25°C
–30°C
IB= 0.2 mA
VCE = 4 V Continuous
VCE = 4 V Continuous
Single pulse
No heatsink
Natural cooling
TA=25°
VBE (V)
VF (V)
t(ms)
IB (A)
IC (A)
102
103
104
105
106
0.01
0.1
1.0
10.0
100.0
VCE (V)
STD02N Performance Characteristics at TA = 25°C


Similar Part No. - STD02N

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STD02N ALLEGRO-STD02N Datasheet
344Kb / 7P
   Darlington Transistors for Audio Amplifiers
More results

Similar Description - STD02N

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STD03N ALLEGRO-STD03N Datasheet
363Kb / 7P
   Darlington Transistors for Audio Amplifiers
logo
Sanken electric
STD03N SANKEN-STD03N Datasheet
343Kb / 8P
   Darlington Transistors for Audio Amplifiers
STD01N SANKEN-STD01N Datasheet
291Kb / 9P
   Darlington Transistors for Audio Amplifiers
logo
Allegro MicroSystems
STD01N ALLEGRO-STD01N Datasheet
343Kb / 7P
   Darlington Transistors for Audio Amplifiers
STD02N ALLEGRO-STD02N Datasheet
344Kb / 7P
   Darlington Transistors for Audio Amplifiers
logo
Sanken electric
STD01N SANKEN-STD01N Datasheet
290Kb / 9P
   Darlington Transistors for Audio Amplifiers
SAP15P SANKEN-SAP15P Datasheet
135Kb / 6P
   Darlington transistors with built-in temperature compensation diodes for audio amplifier applications
logo
Fairchild Semiconductor
BD159STU FAIRCHILD-BD159STU Datasheet
44Kb / 4P
   For T.V Radio Audio Output Amplifiers
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
   Darlington Transistors
logo
ON Semiconductor
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
93Kb / 4P
   Darlington Transistors
October, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com