Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD03P Datasheet(PDF) 4 Page - Sanken electric

Part # STD03P
Description  Darlington Transistors for Audio Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STD03P Datasheet(HTML) 4 Page - Sanken electric

  STD03P Datasheet HTML 1Page - Sanken electric STD03P Datasheet HTML 2Page - Sanken electric STD03P Datasheet HTML 3Page - Sanken electric STD03P Datasheet HTML 4Page - Sanken electric STD03P Datasheet HTML 5Page - Sanken electric STD03P Datasheet HTML 6Page - Sanken electric STD03P Datasheet HTML 7Page - Sanken electric STD03P Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Darlington Transistor with built-in compensation diodes
STD03N
March, 2006
Sanken Electric Co.,Ltd.
T01-001EA-060309
Typical Performance Characteristics
(Tc=25°C)
θj-a t
0.01
0.10
1.00
10.00
1
10
100
1000
t [ms]
PC-Ta Curve
0
20
40
60
80
100
120
140
160
0
25
50
75
100
125
150
Ta [C]
3.5
4/8


Similar Part No. - STD03P

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STD03P ALLEGRO-STD03P Datasheet
363Kb / 7P
   Darlington Transistors for Audio Amplifiers
logo
Sanken electric
STD03P SANKEN-STD03P Datasheet
393Kb / 8P
   Darlington Transistor with built-in compensation diodes
More results

Similar Description - STD03P

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STD03N ALLEGRO-STD03N Datasheet
363Kb / 7P
   Darlington Transistors for Audio Amplifiers
logo
Sanken electric
STD02N SANKEN-STD02N Datasheet
291Kb / 9P
   Darlington Transistors for Audio Amplifiers
STD01N SANKEN-STD01N Datasheet
291Kb / 9P
   Darlington Transistors for Audio Amplifiers
logo
Allegro MicroSystems
STD01N ALLEGRO-STD01N Datasheet
343Kb / 7P
   Darlington Transistors for Audio Amplifiers
STD02N ALLEGRO-STD02N Datasheet
344Kb / 7P
   Darlington Transistors for Audio Amplifiers
logo
Sanken electric
STD01N SANKEN-STD01N Datasheet
290Kb / 9P
   Darlington Transistors for Audio Amplifiers
SAP15P SANKEN-SAP15P Datasheet
135Kb / 6P
   Darlington transistors with built-in temperature compensation diodes for audio amplifier applications
logo
Fairchild Semiconductor
BD159STU FAIRCHILD-BD159STU Datasheet
44Kb / 4P
   For T.V Radio Audio Output Amplifiers
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
   Darlington Transistors
logo
ON Semiconductor
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
93Kb / 4P
   Darlington Transistors
October, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com