Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33784 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33784
Description  DSI 2.02 Sensor Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33784 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33784_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33784_09 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33784
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Functional Internal Block Diagram
SUPPLY VOLTAGE
RECTIFIER
There is an on-chip rectifier, which allows power and
communications to be delivered to the 33784 over the bus.
The rectifier lies between BUSIN and H_CAP. During the idle
state of the bus, the rectifier allows the bus to charge an
external storage capacitor attached to H_CAP. During
signaling, the rectifier isolates H_CAP from the bus to prevent
the bus from draining the external capacitor while signaling.
The capacitor then supplies power to the 33784 during
signaling. The signaling time and the size of the external
capacitor must be selected so that the voltage on HCAP does
not drop below 6.77V during signaling.
5.0V REGULATOR
An on-chip 5V regulator supplies internal power for the
33784 and also supplies power to external devices, such as
accelerometers via the REGOUT pin. A bypass capacitor is
required on the REGOUT pin to keep the regulator stable. All
current supplied by the regulator is derived from the external
capacitor attached to H_CAP.
UNDER-VOLTAGE DETECTOR
The under-voltage detector issues a power-ON reset
(POR) signal during power-up and power-down of the 33784.
It also monitors the voltage on HCAP and REGOUT and
issues a reset when either of these pins fall below their
respective POR thresholds. The reset signal is filtered to
prevent glitches on HCAP or REGOUT from causing an
erroneous reset. Any time the 33784 is reset, the device will
need to be re-initialized before it will respond to further
commands.
LOGIC AND CONTROL
RECEIVER
The receiver detects the voltage on BUSIN and senses
when the bus is idle and when it is signaling. Communication
on the bus always begins when the voltage on BUSIN drops
below the frame threshold. This change from idle mode to
signal mode is sensed by the receiver and is interpreted as
the start of an incoming word.
The first bit in the word begins when the bus voltage drops
below the Signal threshold. This starts a counter in a serial
decoder, which essentially measures the amount of time that
the bus voltage is below the signal threshold. When the bus
MC33784 - Functional Diagram
Supply Voltage
Sensing & Control
Bus switches
Bus Switches
Power Stage
Supply Voltage
Rectifier
Sensing & Control
Power Stage
Clock
Transmitter
Analog to Digital Converter
Control Logic
Receiver
5.0V Regulator
Under-voltage Detector


Similar Part No. - 33784_09

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33784 FREESCALE-33784 Datasheet
1Mb / 30P
   DSI 2.02 Sensor Interface
More results

Similar Description - 33784_09

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33784 FREESCALE-33784 Datasheet
1Mb / 30P
   DSI 2.02 Sensor Interface
33781 FREESCALE-33781_09 Datasheet
945Kb / 44P
   Quad DSI 2.02 Master with
logo
Motorola, Inc
MC33793 MOTOROLA-MC33793 Datasheet
640Kb / 24P
   Distributed System Interface (DSI) Sensor Interface
logo
Freescale Semiconductor...
33793 FREESCALE-33793 Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
logo
Freescale Semiconductor...
33781 FREESCALE-33781 Datasheet
1Mb / 44P
   Quad DSI 2.02 Master with Differential Drive and Frequency Spreading
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
MMA16XXKW FREESCALE-MMA16XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com