Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA5928B Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SMA5928B
Description  SURFACE MOUNT ZENER TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMA5928B Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SMA5928B Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMA5928B Datasheet HTML 2Page - PACELEADER INDUSTRIAL SMA5928B Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surge
Part No.
Vz
IzT
ZZT
ZZK
IZK
Current
( V )
( mA )
(Ω)
(Ω)
( mA )
(V)
( mA )
SMA5921B
6.8
55.1
2.5
200
1.0
2.5
5.2
221
SMA5922B
7.5
50.0
3.0
400
0.5
2.5
6.0
200
SMA5923B
8.2
45.7
3.5
400
0.5
2.5
6.5
183
SMA5924B
9.1
41.2
4.0
500
0.5
2.5
7.0
165
SMA5925B
10
37.5
4.5
500
0.25
2.5
8.0
150
SMA5926B
11
34.1
5.5
550
0.25
2.5
8.4
136
SMA5927B
12
31.2
6.5
550
0.25
0.5
9.1
125
SMA5928B
13
28.8
7.0
550
0.25
0.5
9.9
115
SMA5929B
15
25.0
9.0
600
0.25
0.5
11.4
100
SMA5930B
16
23.4
10
600
0.25
0.5
12.2
94
SMA5931B
18
20.8
12
650
0.25
0.5
13.7
83
SMA5932B
20
18.7
14
650
0.25
0.5
15.2
75
SMA5933B
22
17.0
17.5
650
0.25
0.5
16.7
68
SMA5934B
24
15.6
19
700
0.25
0.5
18.2
63
SMA5935B
27
13.9
23
700
0.25
0.5
20.6
56
SMA5936B
30
12.5
26
750
0.25
0.5
22.8
50
SMA5937B
33
11.4
33
800
0.25
0.5
25.1
45
SMA5938B
36
10.4
38
850
0.25
0.5
27.4
42
SMA5939B
39
9.6
45
900
0.25
0.5
29.7
38
SMA5940B
43
8.7
53
950
0.25
0.5
32.7
35
SMA5941B
47
8.0
67
1000
0.25
0.5
35.8
32
SMA5942B
51
7.3
70
1100
0.25
0.5
38.8
29
SMA5943B
56
6.7
86
1300
0.25
0.5
42.6
27
SMA5944B
62
6.0
100
1500
0.25
0.5
47.1
24
SMA5945B
68
5.5
120
1700
0.25
0.5
51.7
22
Electrical Characteristic (Ta=25°C)
IR @ VR
Suffix B for 5%
(μA)
SURFACE MOUNT ZENER TYPE
SURFACE MOUNT ZENER TYPE
o
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
thru
4
SMA5921B
SMA59 5B
2
www.paceleader.tw
SURFACE MOUNT ZENER DIODES 1.5 WATTS


Similar Part No. - SMA5928B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMA5928B SECOS-SMA5928B Datasheet
317Kb / 4P
   1.5 Watts Surface Mount Zener Diode
logo
Weitron Technology
SMA5928B WEITRON-SMA5928B Datasheet
416Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
SMA5928B FORMOSA-SMA5928B Datasheet
990Kb / 3P
   SURFACE MOUNT ZENER DIODES 1.5 WATTS
logo
SeCoS Halbleitertechnol...
SMA5928B SECOS-SMA5928B Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
logo
Yangzhou yangjie electr...
SMA5928B YANGJIE-SMA5928B Datasheet
403Kb / 4P
   Thyristor Surge Suppressors
More results

Similar Description - SMA5928B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMC5342B PACELEADER-SMC5342B Datasheet
360Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMA4949A PACELEADER-SMA4949A Datasheet
241Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMB5921B PACELEADER-SMB5921B Datasheet
381Kb / 2P
   SURFACE MOUNT ZENER TYPE
MMSZ5221B PACELEADER-MMSZ5221B Datasheet
197Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM052V4C-MH PACELEADER-ZGFM052V4C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
MMSZ2V4 PACELEADER-MMSZ2V4 Datasheet
233Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM103V3-M PACELEADER-ZGFM103V3-M Datasheet
267Kb / 3P
   SURFACE MOUNT ZENER TYPE
ZGF052V4C-MH PACELEADER-ZGF052V4C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
SMB5341B PACELEADER-SMB5341B Datasheet
458Kb / 3P
   SURFACE MOUNT ZENER TYPE
ZS4728A PACELEADER-ZS4728A Datasheet
262Kb / 3P
   SURFACE MOUNT ZENER TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com