Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1111C-0005 Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # SB1111C-0005
Description  Single Color Ultra High Brightness Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SB1111C-0005 Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  SB1111C-0005 Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
2009.10.30
Page 4
Electro-Optical Characteristics(SB,SG)
Single Color Ultra High Brightness Type
1111C Series
Conditions
UB
UC
UG
TYP.
3.4
3.4
3.4
MAX.
3.9
3.9
3.9
Reverse Current
VR=5V
IR
MAX.
100
100
100
μA
Peak Wavelength
IF=10mA
λp
TYP.
465
502
522
nm
Dominant
Wavelength
IF=10mA
λd
TYP.
470
508
530
nm
Spectral Line Half
Width
IF=10mA
⊿ λ
TYP.
26
30
35
nm
150(
θx) 150(θx) 150(θx)
165(
θy) 165(θy) 165(θy)
Item
Symbol
Unit
Forward Voltage
IF=10mA
VF
V
Characteristics
deg.
Half Intensity
Angle
IF=10mA
2
θ1/2
TYP.
(Ta=25℃)
Conditions
SB
SG
TYP.
2.9
3.0
MAX.
3.2
3.2
Reverse Current
VR=5V
IR
MAX.
100
100
μA
Peak Wavelength
IF=5mA
λp
TYP.
465
525
nm
Dominant
Wavelength
IF=5mA
λd
TYP.
470
530
nm
Spectral Line Half
Width
IF=5mA
⊿ λ
TYP.
15
30
nm
150(
θx) 150(θx)
150(
θy) 150(θy)
deg.
Half Intensity
Angle
IF=5mA
2
θ1/2
TYP.
Item
Symbol
Unit
Forward Voltage
IF=5mA
VF
V
Characteristics
Electro-Optical Characteristics(UB,UC,UG)
(Ta=25℃)
※ θx:Product long side axis,θy:Product short side axis
※ θx:Product long side axis,θy:Product short side axis


Similar Part No. - SB1111C-0005

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
SB1111C-0005 STANLEY-SB1111C-0005 Datasheet
432Kb / 24P
   Single Color Low Current Type
SB1111C-0005 STANLEY-SB1111C-0005 Datasheet
465Kb / 24P
   Single Color Low Current Type (IF=5mA)
SB1111C-0005 STANLEY-SB1111C-0005_11 Datasheet
465Kb / 24P
   Single Color Low Current Type (IF=5mA)
More results

Similar Description - SB1111C-0005

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
UB1104B STANLEY-UB1104B Datasheet
269Kb / 18P
   Single Color Ultra High Brightness Type
UB1113F STANLEY-UB1113F_12 Datasheet
1Mb / 18P
   Single Color Ultra High Brightness Type
HUB1105W-TR STANLEY-HUB1105W-TR Datasheet
337Kb / 20P
   Single Color Ultra High Brightness Type
1105W STANLEY-1105W Datasheet
606Kb / 16P
   Single Color Ultra High Brightness Type
UR1113F-TR STANLEY-UR1113F-TR Datasheet
317Kb / 20P
   Single Color Ultra High Brightness Type
HUB1105W STANLEY-HUB1105W Datasheet
330Kb / 20P
   Single Color Ultra High Brightness Type
H-3000L STANLEY-H-3000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
UB5304X STANLEY-UB5304X Datasheet
332Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5305S STANLEY-UB5305S Datasheet
341Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5306X STANLEY-UB5306X Datasheet
319Kb / 24P
   Single Color Ultra High Brightness ?5 Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com