Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ54A Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SMAJ54A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMAJ54A Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SMAJ54A Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMAJ54A Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMAJ5.0A thru SMAJ440CA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STAND - OFF VOLTAGE - 5.0 TO 400 VOLTS
400 Watt Peak Pulse Power
SMAJ
PART NUMBER
UNI-POLAR
BI-POLAR
SMAJ7.5CA
SMAJ8.0CA
SMAJ8.5CA
SMAJ9.0CA
SMAJ5.0A
SMAJ6.0A
SMAJ6.5A
SMAJ7.0A
SMAJ7.5A
SMAJ8.0A
SMAJ8.5A
SMAJ9.0A
SMAJ10A
SMAJ11A
SMAJ12A
SMAJ13A
SMAJ14A
SMAJ15A
SMAJ16A
SMAJ17A
SMAJ18A
SMAJ20A
SMAJ22A
SMAJ24A
SMAJ26A
SMAJ28A
SMAJ30A
SMAJ33A
SMAJ36A
SMAJ40A
SMAJ43A
SMAJ45A
SMAJ48A
SMAJ51A
SMAJ54A
SMAJ58A
SMAJ60A
SMAJ64A
SMAJ70A
SMAJ75A
SMAJ78A
SMAJ85A
SMAJ90A
SMAJ100A
SMAJ110A
SMAJ120A
SMAJ130A
SMAJ150A
SMAJ5.0CA
SMAJ6.0CA
SMAJ6.5CA
SMAJ7.0CA
SMAJ110CA
SMAJ120CA
SMAJ130CA
SMAJ150CA
SMAJ78CA
SMAJ85CA
SMAJ90CA
SMAJ100CA
SMAJ60CA
SMAJ64CA
SMAJ70CA
SMAJ75CA
SMAJ58CA
SMAJ51CA
SMAJ54CA
SMAJ58CA
SMAJ36CA
SMAJ40CA
SMAJ43CA
SMAJ45CA
SMAJ26CA
SMAJ28CA
SMAJ30CA
SMAJ33CA
SMAJ18CA
SMAJ20CA
SMAJ22CA
SMAJ24CA
SMAJ14CA
SMAJ15CA
SMAJ16CA
SMAJ17CA
SMAJ10CA
SMAJ11CA
SMAJ12CA
SMAJ13CA
DEVICE
MARKING
CODE
UNI
BI
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
BREAKDOW
N VOLTAGE
VBR (V)
Min.@ IT
BREAKDOW
N VOLTAGE
VBR (V)
Max.@ IT
TEST
CURRENT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@ IPP VC (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM
IR (A)
SMAJ350A
SMAJ400A
SMAJ440A
SMAJ200A
SMAJ220A
SMAJ250A
SMAJ300A
SMAJ350CA
SMAJ400CA
SMAJ440CA
SMAJ200CA
SMAJ220CA
SMAJ250CA
SMAJ300CA
SMAJ160A
SMAJ170A
SMAJ180A
SMAJ160CA
SMAJ170CA
SMAJ180CA
AE
AG
AK
AM
AP
AR
AT
AV
AX
AZ
BE
BG
BK
BM
BP
BR
BT
BV
BX
BZ
CE
CG
CK
CM
CP
CR
CT
CV
CX
CZ
RE
RG
RK
RM
RP
RR
RT
RV
RX
RZ
SE
SG
SK
SM
SV
SX
SZ
TE
TG
TK
TM
SP
SR
ST
WE
WG
WK
WM
VE
VG
VK
VM
WP
WR
WT
WV
WX
WZ
XE
XG
XK
XM
XP
XR
XT
XV
XY
XZ
YE
YG
YK
YM
YP
YR
YT
YV
YX
YZ
ZE
ZG
ZK
ZM
ZP
ZR
ZT
ZV
ZX
ZZ
UG
UK
UM
VV
VX
VZ
UE
VP
VR
VT
5.0
6.0
6.5
7.0
110.0
120.0
130.0
150.0
350.0
400.0
440.0
200.0
220.0
250.0
300.0
78.0
85.0
90.0
100.0
60.0
64.0
70.0
75.0
48.0
51.0
54.0
58.0
36.0
40.0
43.0
45.0
26.0
28.0
30.0
33.0
18.0
20.0
22.0
24.0
14.0
15.0
16.0
17.0
10.0
11.0
12.0
13.0
7.5
8.0
8.5
9.0
160.0
170.0
180.0
6.40
6.67
7.22
7.78
122.00
133.00
144.00
167.00
391.00
447.00
492.00
224.00
246.00
279.00
335.00
86.70
94.40
100.00
111.00
66.70
71.10
77.80
83.30
53.30
56.70
60.00
64.40
40.00
44.40
47.80
50.00
28.90
31.10
33.30
36.70
20.00
22.20
24.40
26.70
15.60
16.70
17.80
18.90
11.10
12.20
13.30
14.40
8.33
8.89
9.44
10.00
178.00
189.00
201.00
7.00
7.37
7.98
8.60
432.00
494.00
543.00
247.00
272.00
309.00
371.00
135.00
147.00
159.00
185.00
95.80
104.00
111.00
123.00
73.70
78.60
86.00
92.10
58.90
62.70
66.30
71.20
44.20
49.10
52.80
55.30
31.90
34.40
36.80
40.60
22.10
24.50
26.90
29.50
17.20
18.50
19.70
20.90
12.30
13.50
14.70
15.90
9.21
9.83
10.40
11.10
197.00
209.00
222.00
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
10
10
10
10
1
1
1
9.2
10.3
11.2
12.0
567.0
648.0
713.0
324.0
356.0
405.0
486.0
177.0
193.0
209.0
243.0
126.0
137.0
146.0
162.0
96.8
103.0
113.0
121.0
77.4
82.4
87.1
93.6
58.1
64.5
69.4
72.7
42.1
45.4
48.4
53.3
29.2
32.4
35.5
38.9
23.2
24.4
26.0
27.6
17.0
18.2
19.9
21.5
12.9
13.6
14.4
15.4
259.0
275.0
292.0
43.5
38.8
35.7
33.3
0.7
0.6
0.6
1.2
1.1
1.0
0.8
2.3
2.1
1.9
1.6
3.2
2.9
2.7
2.5
4.1
3.9
3.5
3.3
5.2
4.9
4.6
4.3
6.9
6.2
1.8
2.5
9.5
8.8
8.3
7.5
13.7
12.3
11.3
10.3
17.2
16.4
15.4
14.5
23.5
22.0
20.1
18.6
31.0
29.4
27.8
26.0
1.5
1.5
1.4
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
800
800
500
200
100
50
20
10
5
5
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
www.paceleader.tw


Similar Part No. - SMAJ54A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ54A JGD-SMAJ54A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ54A SOCAY-SMAJ54A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
WeEn Semiconductors
SMAJ54A WEEN-SMAJ54A Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
MERITEK ELECTRONICS COR...
SMAJ54A MERITEK-SMAJ54A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
Surge Components
SMAJ54A SURGE-SMAJ54A Datasheet
703Kb / 4P
   Surface mount Transient Voltage Suppressors
More results

Similar Description - SMAJ54A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com