Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3564-2 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3564-2
Description  Banana Jack To #12, 16, 20 & 22 Socket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3564-2 Datasheet(HTML) 1 Page - Pomona Electronics

  3564-2 Datasheet HTML 1Page - Pomona Electronics 3564-2 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 3560, 3562, 3564, 4690
Banana Jack To #12, 16, 20 & 22
Socket
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 100
D1093952, D1093954, D1093956, D1094166
Page 1 of 2
FEATURES:
Ideal test adapters for rapid testing of the hard-to-get
to pins of multi-pin connectors.
Flexible tip allows testing of adjacent contacts.
Full insulation protects against shorting or contact
damage.
Model 4690 will also slip over 0.025” (0.63mm)
square pins.
MATERIALS:
Insulation: Polyvinyl chloride (PVC)
Banana Jack Body (upper connector)
Material: Brass.
Finish: Bright Tin plated
Socket (lower connector):
Material: Copper Alloy
Finish: Gold over copper plate
ORDERING INFORMATION: Model: 3560-*, 3562-*, 3564-*, 4690-*
*=Color, -0 Black, -2 Red
Ordering Example: 3560-2 (red adapter)
Test Kit 6481: contains 18 pieces, one red and one black adapter of each adapter; 3560, 3561, 3562, 3563, 3564, 3565,
4690, 4691 and one set of model 6358 test leads.
For banana jack to test pins, see models: 3561, 3562, 3565, 4691
Model
Contact Size
Type
Current
4690
22 AWG .030” (.76mm)
Socket
5 Amps
3560
20 AWG .040” (1.02mm)
Socket
7.5 Amps
3562
16 AWG .063” (1.60mm)
Socket
13 Amps
3564
12 AWG .093” (2.36mm)
Socket
24 Amps
Ratings:
Hands free testing in controlled voltage environments:
2500 Vrms Max. For CE compliance: not intended for
hand-held use at voltages above 33 Vrms/70 Vdc.
Operating Temperature: +131F (+55C) Max.


Similar Part No. - 3564-2

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3564-1000 3M-3564-1000 Datasheet
488Kb / 4P
   3M D Ribbon Wiremount Plug
3564-1000 3M-3564-1000 Datasheet
235Kb / 4P
   3M??D Ribbon Wiremount Plug
3564-1001 3M-3564-1001 Datasheet
488Kb / 4P
   3M D Ribbon Wiremount Plug
3564-1001 3M-3564-1001 Datasheet
235Kb / 4P
   3M??D Ribbon Wiremount Plug
3564-1002 3M-3564-1002 Datasheet
488Kb / 4P
   3M D Ribbon Wiremount Plug
More results

Similar Description - 3564-2

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3561 POMONA-3561 Datasheet
129Kb / 2P
   Banana Jack To #12, 16, 20 & 22 Pin
logo
List of Unclassifed Man...
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
   4mm banana jack to 2mm banana jack adapter
logo
Pomona Electronics
72916 POMONA-72916 Datasheet
129Kb / 1P
   4mm Banana Jack to 2mm Banana Jack Adapter
2138 POMONA-2138 Datasheet
21Kb / 1P
   Standard Banana Jack To Miniature Banana Plug
logo
List of Unclassifed Man...
BU-32101-0 ETC2-BU-32101-0 Datasheet
49Kb / 1P
   Insulated Banana Jack To Standard Banana Plug
logo
Pomona Electronics
4702 POMONA-4702 Datasheet
40Kb / 1P
   Banana Plug To In-Line Banana Jack
6384-0 POMONA-6384-0 Datasheet
34Kb / 3P
   Banana Jack, User Installed (18-22 AWG)
3834 POMONA-3834 Datasheet
24Kb / 1P
   Banana Jack To Pin Jack Adapter
2477 POMONA-2477 Datasheet
25Kb / 1P
   Miniature Banana Jack To Standard Banana Plug Adapter
3777A POMONA-3777A Datasheet
64Kb / 1P
   Spade Lug to Banana Jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com