Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3565-0 Datasheet(PDF) 2 Page - Pomona Electronics

Part # 3565-0
Description  Banana Jack To #12, 16, 20 & 22 Pin
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3565-0 Datasheet(HTML) 2 Page - Pomona Electronics

  3565-0 Datasheet HTML 1Page - Pomona Electronics 3565-0 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 3561, 3563, 3565, 4691
Banana Jack To #12, 16, 20 & 22
Pin
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 100
D1093953, D1093955, D1093957, D1094167
Page 2 of 2


Similar Part No. - 3565-0

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3565-1000 3M-3565-1000 Datasheet
451Kb / 4P
   3M D Ribbon Wiremount Socket
3565-1001 3M-3565-1001 Datasheet
451Kb / 4P
   3M D Ribbon Wiremount Socket
3565-1002 3M-3565-1002 Datasheet
451Kb / 4P
   3M D Ribbon Wiremount Socket
3565-1006 3M-3565-1006 Datasheet
451Kb / 4P
   3M D Ribbon Wiremount Socket
More results

Similar Description - 3565-0

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3560 POMONA-3560 Datasheet
127Kb / 2P
   Banana Jack To #12, 16, 20 & 22 Socket
3834 POMONA-3834 Datasheet
24Kb / 1P
   Banana Jack To Pin Jack Adapter
1809 POMONA-1809 Datasheet
25Kb / 1P
   Pin Jack To Banana Plug
logo
3M Electronics
1432-0 3M-1432-0 Datasheet
22Kb / 1P
   Banana Jack To Pin Tip Plug
logo
Pomona Electronics
1432 POMONA-1432 Datasheet
22Kb / 1P
   Banana Jack To Pin Tip Plug
logo
List of Unclassifed Man...
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
   4mm banana jack to 2mm banana jack adapter
logo
Pomona Electronics
72916 POMONA-72916 Datasheet
129Kb / 1P
   4mm Banana Jack to 2mm Banana Jack Adapter
2138 POMONA-2138 Datasheet
21Kb / 1P
   Standard Banana Jack To Miniature Banana Plug
logo
List of Unclassifed Man...
BU-32101-0 ETC2-BU-32101-0 Datasheet
49Kb / 1P
   Insulated Banana Jack To Standard Banana Plug
logo
Pomona Electronics
4702 POMONA-4702 Datasheet
40Kb / 1P
   Banana Plug To In-Line Banana Jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com