Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9122-M5375-EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9122-M5375-EBZ
Description  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9122-M5375-EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9122-M5375-EBZ Datasheet HTML 7Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 8Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 9Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 10Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 11Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 12Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 13Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 14Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
AD9122
Rev. 0 | Page 11 of 56
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
fDATA = 250MSPS
fDATA = 400MSPS
Figure 10. Highest Digital Spur vs. fOUT over fDATA, 2× Interpolation,
Digital Scale = 0 dBFS, fSC = 20 mA
–64
–78
–76
–74
–72
–70
–68
–66
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
fDATA = 100MSPS
fDATA = 200MSPS
Figure 11. Highest Digital Spur vs. fOUT over fDATA, 4× Interpolation,
Digital Scale = 0 dBFS, fSC = 20 mA
–64
–76
–74
–72
–70
–68
–66
0
100
200
300
400
500
600
700
fOUT (MHz)
fDATA = 100MSPS
fDATA = 150MSPS
Figure 12. Highest Digital Spur vs. fOUT over fDATA, 8× Interpolation,
Digital Scale = 0 dBFS, fSC = 20 mA
START 1.0MHz
#RES BW 10kHz
VBW 10kHz
STOP 500.0MHz
SWEEP 6.017s (601 PTS)
2× INTERPOLATION,
SINGLE-TONE SPECTRUM,
fDATA = 250MSPS,
fOUT = 101MHz
Figure 13. 2× Interpolation, Single-Tone Spectrum
START 1.0MHz
#RES BW 10kHz
VBW 10kHz
STOP 800.0MHz
SWEEP 9.634s (601 PTS)
4× INTERPOLATION,
SINGLE-TONE SPECTRUM,
fDATA = 200MSPS,
fOUT = 151MHz
Figure 14. 4× Interpolation, Single-Tone Spectrum
START 1.0MHz
#RES BW 10kHz
VBW 10kHz
STOP 800.0MHz
SWEEP 9.634s (601 PTS)
8× INTERPOLATION,
SINGLE-TONE SPECTRUM,
fDATA = 100MSPS,
fOUT = 131MHz
Figure 15. 8× Interpolation, Single-Tone Spectrum


Similar Part No. - AD9122-M5375-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9122-EP AD-AD9122-EP Datasheet
232Kb / 12P
   TxDAC Digital-to-Analog Converter
More results

Similar Description - AD9122-M5375-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com