Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4602BCPZ-RL Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4602BCPZ-RL
Description  Single-Chip, Multiband 3G Femtocell Transceiver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602BCPZ-RL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4602BCPZ-RL Datasheet HTML 5Page - Analog Devices ADF4602BCPZ-RL Datasheet HTML 6Page - Analog Devices ADF4602BCPZ-RL Datasheet HTML 7Page - Analog Devices ADF4602BCPZ-RL Datasheet HTML 8Page - Analog Devices ADF4602BCPZ-RL Datasheet HTML 9Page - Analog Devices ADF4602BCPZ-RL Datasheet HTML 10Page - Analog Devices ADF4602BCPZ-RL Datasheet HTML 11Page - Analog Devices ADF4602BCPZ-RL Datasheet HTML 12Page - Analog Devices ADF4602BCPZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ADF4602
Rev. 0 | Page 9 of 36
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +4 V
VSUP1, VSUP2 to GND
−0.3 V to +3.6 V
VSUP4, VSUP5, VSUP6, VSUP7,
VSUP8, VSUP9 to GND
−0.3 V to +3.6 V
VSUP3 to GND
−0.3 V to +2.0 V
VINT to GND
−0.3 V to +2.0 V
Analog I/O Voltage to GND
−0.3 V to VDD + 0.3 V
Digital I/O Voltage to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Commercial (B Version)
0°C to +85°C
Storage Temperature Range
−65°C to +125°C
Maximum Junction Temperature
150°C
LFCSP θJA Thermal Impedance
32°C/W
Reflow Soldering
Peak Temperature
240°C
Time at Peak Temperature
40 sec
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
This device is a high performance RF integrated circuit with an
ESD rating of <2 kV, and it is ESD sensitive. Proper precautions
should be taken for handling and assembly.
ESD CAUTION


Similar Part No. - ADF4602BCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4001 AD-ADF4001 Datasheet
190Kb / 16P
   200 MHz Clock Generator PLL
REV. 0
ADF4001BCP AD-ADF4001BCP Datasheet
190Kb / 16P
   200 MHz Clock Generator PLL
REV. 0
ADF4001BCP AD-ADF4001BCP Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADF4001BCPZ AD-ADF4001BCPZ Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001BCPZ AD-ADF4001BCPZ Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
More results

Similar Description - ADF4602BCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
TRF6903 TI1-TRF6903_08 Datasheet
726Kb / 39P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSCEIVER
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
Agere Systems
W3020 AGERE-W3020 Datasheet
409Kb / 44P
   GSM Multiband RF Transceiver
logo
HuaXinAn Electronics CO...
AK1589 HUAXINAN-AK1589 Datasheet
113Kb / 2P
   Femtocell LTE/W-CDMA RF Transceiver
logo
Asahi Kasei Microsystem...
AK1589 AKM-AK1589 Datasheet
113Kb / 2P
   Femtocell LTE/W-CDMA RF Transceiver
logo
HuaXinAn Electronics CO...
AK1587 HUAXINAN-AK1587 Datasheet
65Kb / 2P
   Femtocell LTE-A/LTE//WCDMA RF Transceiver
logo
Abracon Corporation
ACA-108-T ABRACON-ACA-108-T Datasheet
1Mb / 4P
   Multiband Chip Antenna
10.07.14
ACAJ-109-T ABRACON-ACAJ-109-T Datasheet
2Mb / 5P
   Multiband Chip Antenna
11.19.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com