Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1401BRMZ-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG1401BRMZ-REEL7
Description  1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1401BRMZ-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG1401BRMZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1401BRMZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1401BRMZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1401BRMZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1401BRMZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1401BRMZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG1401BRMZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG1401BRMZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG1401BRMZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG1401/ADG1402
Rev. 0 | Page 8 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. EXPOSED PAD TIED TO SUBSTRATE, VSS.
2. NC = NO CONNECT.
TOP VIEW
(Not to Scale)
ADG1401/
ADG1402
3
GND
4
VDD
S
2
NC
6IN
5NC
18 D
7VSS
Figure 3. ADG1401/ADG1402 Pin Configuration
Table 7. ADG1401/ADG1402 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
S
Source Terminal. This pin can be an input or output.
2
NC
No Connect.
3
GND
Ground (0 V) Reference.
4
VDD
Most Positive Power Supply Potential.
5
NC
No Connect.
6
IN
Logic Control Input.
7
VSS
Most Negative Power Supply Potential.
8
D
Drain Terminal. This pin can be an input or output.
EPAD
Exposed pad tied to substrate, VSS, for LFCSP package.
Table 8. ADG1401/ADG1402 Truth Table
ADG1401 IN
ADG1402 IN
Switch Condition
1
0
On
0
1
Off


Similar Part No. - ADG1401BRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1404YCPZ-500RL7 AD-ADG1404YCPZ-500RL7 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1404YCPZ-REEL7 AD-ADG1404YCPZ-REEL7 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1404YRUZ AD-ADG1404YRUZ Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1404YRUZ-REEL AD-ADG1404YRUZ-REEL Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
More results

Similar Description - ADG1401BRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com