Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1414BRUZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADG1414BRUZ
Description  9.5RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1414BRUZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG1414BRUZ Datasheet HTML 6Page - Analog Devices ADG1414BRUZ Datasheet HTML 7Page - Analog Devices ADG1414BRUZ Datasheet HTML 8Page - Analog Devices ADG1414BRUZ Datasheet HTML 9Page - Analog Devices ADG1414BRUZ Datasheet HTML 10Page - Analog Devices ADG1414BRUZ Datasheet HTML 11Page - Analog Devices ADG1414BRUZ Datasheet HTML 12Page - Analog Devices ADG1414BRUZ Datasheet HTML 13Page - Analog Devices ADG1414BRUZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADG1414
Rev. 0 | Page 10 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 7.
Parameter
Rating
VDD to VSS
35 V
VDD to GND
−0.3 V to +25 V
VSS to GND
+0.3 V to −25 V
VL to GND
−0.3 V to +7 V
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Digital Inputs1
GND − 0.3 V to VL + 0.3 V or
30 mA, whichever occurs first
Continuous Current, Sx or Dx
Pins
Table 4 specifications + 15%
Peak Current, Sx or Dx (Pulsed
at 1 ms, 10% Duty Cycle Max)
TSSOP Package
300 mA
LFCSP Package
400 mA
Operating Temperature Range
Industrial (B Version)
–40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Reflow Soldering Peak
Temperature, Pb free
260°C
Time at Peak Temperature
10 sec to 40 sec
Only one absolute maximum rating may be applied at any one
time.
THERMAL RESISTANCE
Table 8. Thermal Resistance
Package Type
θJA
θJC
Unit
24-Lead TSSOP1
112.6
50
°C/W
24-Lead LFCSP2
30.4
°C/W
1 4-layer board.
2 4-layer board and exposed paddle soldered to VSS.
ESD CAUTION
1 Overvoltages at the analog and digital inputs are clamped by internal
diodes. Limit the current to the maximum ratings given.


Similar Part No. - ADG1414BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YCPZ-500RL7 AD-ADG1411YCPZ-500RL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YCPZ-REEL7 AD-ADG1411YCPZ-REEL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ AD-ADG1411YRUZ Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ-REEL AD-ADG1411YRUZ-REEL Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
More results

Similar Description - ADG1414BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADGS1414D AD-ADGS1414D Datasheet
552Kb / 28P
   SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com