Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1414BCPZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG1414BCPZ-REEL7
Description  9.5RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1414BCPZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  ADG1414BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG1414BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG1414BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1414BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1414BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1414BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1414BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1414BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1414BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADG1414
Rev. 0 | Page 5 of 20
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
LOGIC OUTPUTS (SDO)
VOL, Output Low Voltage1
0.4
V max
ISINK = 3 mA
0.6
V max
ISINK = 6 mA
High Impedance Leakage Current
±1
μA max
High Impedance Output
Capacitance1
4
pF typ
DYNAMIC CHARACTERISTICS1
tON
145
ns typ
RL = 100 Ω, CL = 35 pF
185
220
240
ns max
VS = 8 V; see Figure 30
tOFF
35
ns typ
RL = 100 Ω, CL = 35 pF
45
46
46
ns max
VS = 8 V; see Figure 30
Charge Injection
8
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF; see
Figure 31
Off Isolation
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 26
Channel-to-Channel Crosstalk
−75
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 27
−3 dB Bandwidth
240
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 28
Insertion Loss
1.15
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see
Figure 28
CD, CS (Off )
12
pF typ
f = 1 MHz
CD, CS (On)
33
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +13.2 V
IDD
0.001
μA typ
Digital inputs = 0 V or VL
1
μA max
IL Inactive
0.3
μA typ
Digital inputs = 0 V or VL
1
μA max
IL Active @ 30 MHz
0.26
mA typ
Digital inputs toggle between 0 V
and VL
0.3
0.35
mA max
IL Active @ 50 MHz
0.42
mA typ
Digital inputs toggle between 0V
and VL
0.5
0.55
mA max
ISS
0.001
μA typ
Digital inputs = 0 V or VL
1
μA max
VDD/VSS
±4.5/±16.5
V min/max
1 Guaranteed by design, not subject to production test.


Similar Part No. - ADG1414BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YCPZ-500RL7 AD-ADG1411YCPZ-500RL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YCPZ-REEL7 AD-ADG1411YCPZ-REEL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ AD-ADG1411YRUZ Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ-REEL AD-ADG1411YRUZ-REEL Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
More results

Similar Description - ADG1414BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADGS1414D AD-ADGS1414D Datasheet
552Kb / 28P
   SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com