Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1419BRMZ-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG1419BRMZ-REEL7
Description  2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1419BRMZ-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  ADG1419BRMZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG1419BRMZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG1419BRMZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1419BRMZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1419BRMZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1419BRMZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1419BRMZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1419BRMZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1419BRMZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG1419
Rev. 0 | Page 3 of 16
SPECIFICATIONS
±15 V DUAL SUPPLY
VDD = +15 V ± 10%, VSS = −15 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
Parameter
25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance, RON
2.1
Ω typ
VS = ±10 V, IS = −10 mA; see Figure 22
2.4
2.8
3.2
Ω max
VDD = +13.5 V, VSS = −13.5 V
On Resistance Match Between Channels, ∆RON
0.05
Ω typ
VS = ±10 V, IS = −10 mA
0.2
0.25
0.3
Ω max
On Resistance Flatness, RFLAT (ON)
0.4
Ω typ
VS = ±10 V, IS = −10 mA
0.5
0.6
0.65
Ω max
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source Off Leakage, IS (Off )
±0.1
nA typ
VS = ±10 V, VS = ±10 V; see Figure 23
±0.5
±2
±75
nA max
Drain Off Leakage, ID (Off )
±0.2
nA typ
VS = ±10 V, VS = ±10 V; see Figure 23
±0.6
±3
±100
nA max
Channel On Leakage, ID, IS (On)
±0.2
nA typ
VS = VD = ±10 V; see Figure 24
±1
±3
±100
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
4
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
130
ns typ
RL = 300 Ω, CL = 35 pF
155
190
220
ns max
VS = +10 V; see Figure 25
tON (EN)
85
ns typ
RL = 300 Ω, CL = 35 pF
110
125
140
ns max
VS = 10 V; see Figure 27
tOFF (EN)
115
ns typ
RL = 300 Ω, CL = 35 pF
140
160
180
ns max
VS = 10 V; see Figure 27
Break-Before-Make Time Delay, tD
15
ns typ
RL = 300 Ω, CL = 35 pF
8
ns min
VS1 = VS2 = 10 V; see Figure 26
Charge Injection
−16
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF;
see Figure 28
Off Isolation
−64
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 29
Channel-to-Channel Crosstalk
−64
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 30
Total Harmonic Distortion + Noise
0.016
% typ
RL = 10 kΩ, 5 V rms, f = 20 Hz to 20 kHz;
see Figure 32
−3 dB Bandwidth
135
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 31
Insertion Loss
0.16
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 31
CS (Off )
19
pF typ
f = 1 MHz; VS = 0 V
CD (Off )
44
pF typ
f = 1 MHz; VS = 0 V
CD, CS (On)
114
pF typ
f = 1 MHz; VS = 0 V


Similar Part No. - ADG1419BRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YCPZ-500RL7 AD-ADG1411YCPZ-500RL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YCPZ-REEL7 AD-ADG1411YCPZ-REEL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ AD-ADG1411YRUZ Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ-REEL AD-ADG1411YRUZ-REEL Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
More results

Similar Description - ADG1419BRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1517 AD-ADG1517 Datasheet
195Kb / 12P
   1.6 廓 On Resistance, 15 V iCMOS SPST Switch
REV. 0
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com