Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1419BRMZ-REEL7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG1419BRMZ-REEL7
Description  2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1419BRMZ-REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG1419BRMZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG1419BRMZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1419BRMZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1419BRMZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1419BRMZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1419BRMZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1419BRMZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1419BRMZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG1419BRMZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG1419
Rev. 0 | Page 6 of 16
Parameter
25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
310
ns typ
RL = 300 Ω, CL = 35 pF
410
495
560
ns max
VS = 3 V; see Figure 25
tON (EN)
230
ns typ
RL = 300 Ω, CL = 35 pF
305
355
390
ns max
VS = 3 V; see Figure 27
tOFF (EN)
220
ns typ
RL = 300 Ω, CL = 35 pF
290
335
365
ns max
VS = 3 V; see Figure 27
Break-Before-Make Time Delay, tD
65
ns typ
RL = 300 Ω, CL = 35 pF
31
ns min
VS1 = VS2 = 3 V; see Figure 26
Charge Injection
59
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF;
see Figure 28
Off Isolation
−60
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 29
Channel-to-Channel Crosstalk
−60
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 30
Total Harmonic Distortion + Noise
0.04
% typ
RL = 10 kΩ, 5 V p-p, f = 20 Hz to 20 kHz;
see Figure 32
−3 dB Bandwidth
105
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 31
Insertion Loss
0.28
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 31
CS (Off )
26
pF typ
VS = 0 V, f = 1 MHz
CD (Off )
62
pF typ
VS = 0 V, f = 1 MHz
CD, CS (On)
128
pF typ
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = +5.5 V, VSS = −5.5 V
IDD
0.001
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
ISS
0.001
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
VDD/VSS
±4.5/±16.5
V min/max
Ground = 0 V
1 Guaranteed by design, not subject to production test.
CONTINUOUS CURRENT PER CHANNEL, S OR D
Table 4.
Parameter
25°C
85°C
125°C
Unit
Test Conditions/Comments
CONTINUOUS CURRENT PER CHANNEL1
±15 V Dual Supply
VDD = +13.5 V, VSS = −13.5 V
8-Lead MSOP (θJA = 206°C/W)
215
135
80
mA maximum
8-Lead LFCSP (θJA = 50.8°C/W)
390
215
100
mA maximum
+12 V Single Supply
VDD = 10.8 V, VSS = 0 V
8-Lead MSOP (θJA = 206°C/W)
175
115
70
mA maximum
8-Lead LFCSP (θJA = 50.8°C/W)
320
185
95
mA maximum
±5 V Dual Supply
VDD = +4.5 V, VSS = −4.5 V
8-Lead MSOP (θJA = 206°C/W)
165
110
70
mA maximum
8-Lead LFCSP (θJA = 50.8°C/W)
310
180
95
mA maximum
1 Guaranteed by design, not subject to production test.


Similar Part No. - ADG1419BRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YCPZ-500RL7 AD-ADG1411YCPZ-500RL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YCPZ-REEL7 AD-ADG1411YCPZ-REEL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ AD-ADG1411YRUZ Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ-REEL AD-ADG1411YRUZ-REEL Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
More results

Similar Description - ADG1419BRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1517 AD-ADG1517 Datasheet
195Kb / 12P
   1.6 廓 On Resistance, 15 V iCMOS SPST Switch
REV. 0
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com