Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1439BRUZ-REEL7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG1439BRUZ-REEL7
Description  Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1439BRUZ-REEL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG1439BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1439BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1439BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG1439BRUZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG1439BRUZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG1439BRUZ-REEL7 Datasheet HTML 12Page - Analog Devices ADG1439BRUZ-REEL7 Datasheet HTML 13Page - Analog Devices ADG1439BRUZ-REEL7 Datasheet HTML 14Page - Analog Devices ADG1439BRUZ-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADG1438/ADG1439
Rev. 0 | Page 11 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
1
2
3
4
5
6
7
8
9
10
VDD
DIN
GND
S2
S1
NC
SCLK
D
S4
S3
20
19
18
17
16
15
14
13
12
11
VL
SDO
RESET
S6
S5
VSS
NC
S8
S7
SYNC
ADG1438
TOP VIEW
(Not to Scale)
Figure 5. ADG1438 Pin Configuration (TSSOP)
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD TIED TO SUBSTRATE, VSS.
1
DIN
2
GND
3
S1
4
S2
5
S3
13 S5
14 VSS
15 RESET
12 S6
11 S7
TOP VIEW
(Not to Scale)
ADG1438
Figure 6. ADG1438 Pin Configuration (LFCSP)
Table 10. ADG1438 Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Description
1
19
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial
clock input. Data can be transferred at rates of up to 50 MHz.
2
20
VDD
Most Positive Power Supply Potential.
3
1
DIN
Serial Data Input. This device has an 8-bit shift register. Data is clocked into the register on the
falling edge of the serial clock input.
4
2
GND
Ground (0 V) Reference.
5
7
NC
No Connect.
6
3
S1
Source Terminal 1. Can be an input or an output.
7
4
S2
Source Terminal 2. Can be an input or an output.
8
5
S3
Source Terminal 3. Can be an input or an output.
9
6
S4
Source Terminal 4. Can be an input or an output.
10
8
D
Drain Terminal. Can be an input or an output.
11
9
NC
No Connect.
12
10
S8
Source Terminal 8. Can be an input or an output.
13
11
S7
Source Terminal 7. Can be an input or an output.
14
12
S6
Source Terminal 6. Can be an input or an output.
15
13
S5
Source Terminal 5. Can be an input or an output.
16
14
VSS
Most Negative Power Supply Potential. In single-supply applications, it can be connected
to ground.
17
15
RESET
Active Low Logic Input. When this pin is low, all switches are open, and the appropriate registers
are cleared to 0.
18
16
SDO
Serial Data Output. Can be used for daisy-chaining a number of these devices together or for
reading back the data in the shift register for diagnostic purposes. The serial data is transferred on
the rising edge of SCLK and is valid on the falling edge of the clock. This is an open-drain output
that should be pulled to the VL supply with an external 1 kΩ resistor.
19
17
VL
Logic Power Supply Input. Operates from 2.7 V to 5.5 V.
20
18
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC
goes low, it powers on the SCLK and DIN buffers and enables the input shift register. Data is
transferred in on the falling edges of the following clocks. Taking SYNC high updates the switch
condition.
EPAD
The exposed pad is tied to the substrate, VSS.


Similar Part No. - ADG1439BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL AD-ADG1433YCPZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL7 AD-ADG1433YCPZ-REEL7 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ AD-ADG1433YRUZ Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ-REEL AD-ADG1433YRUZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
More results

Similar Description - ADG1439BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com