Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1423BCPZ-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG1423BCPZ-REEL7
Description  2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1423BCPZ-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG1423BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 12Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG1421/ADG1422/ADG1423
Rev. 0 | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
3.5
–16.5
3.0
2.5
2.0
1.5
1.0
VS, VD (V)
–11.5
–6.5
–1.5
3.5
8.5
13.5
VDD = +15V
VSS = –15V
VDD = +13.5V
VSS = –13.5V
VDD = +16.5V
VSS = –16.5V
VDD = +12V
VSS = –12V
VDD = +10V
VSS = –10V
TA = 25°C
Figure 6. On Resistance as a Function of VD (VS) for Dual Supply
2
3
4
5
6
7
8
9
0246
8
10
12
14
TA = 25°C
VDD = 5V
VSS = 0V
VDD = 8V
VSS = 0V
VDD = 10.8V
VSS = 0V
VDD = 12V
VSS = 0V
VDD = 13.2V
VSS = 0V
VDD = 15V
VSS = 0V
VS, VD (V)
Figure 7. On Resistance as a Function of VD (VS) for Single Supply
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–7
–5
–3
–1
1
3
5
7
VS, VD (V)
TA = 25°C
VDD = +4.5V
VSS = –4.5V
VDD = +7V
VSS = –7V
VDD = +5V
VSS = –5V
VDD = +5.5V
VSS = –5.5V
Figure 8. On Resistance as a Function of VD (VS) for Dual Supply
VDD = +15V
VSS = –15V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–15
–10
–5
0
5
10
15
VS, VD (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 9. On Resistance as a Function of VD (VS) for Different Temperatures,
±15 V Dual Supply
0
1
2
3
4
5
6
0
2468
10
1
VS, VD (V)
2
VDD= 12V
VSS= 0V
TA= +25°C
TA= –40°C
TA= +85°C
TA= +125°C
Figure 10. On Resistance as a Function of VD (VS) for Different Temperatures,
+12 V Single Supply
TA = +85°C
0
1
2
3
4
5
6
7
–5
–4
–3
–2
–1
01234
5
VS, VD (V)
VDD = +5V
VSS = –5V
TA = –40°C
TA = +25°C
TA = +125°C
Figure 11. On Resistance as a Function of VD (VS) for Different Temperatures,
±5 V Dual Supply


Similar Part No. - ADG1423BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BCPZ-REEL7 AD-ADG1401BCPZ-REEL7 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BRMZ AD-ADG1401BRMZ Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BRMZ-REEL7 AD-ADG1401BRMZ-REEL7 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1402 AD-ADG1402 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
More results

Similar Description - ADG1423BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com