Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1423BCPZ-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG1423BCPZ-REEL7
Description  2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1423BCPZ-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG1423BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 12Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 13Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADG1421/ADG1422/ADG1423
Rev. 0 | Page 10 of 16
ID (OFF) – +
IS (OFF) + –
IS (OFF) – +
ID (OFF) + –
ID, IS (ON) + +
ID, IS (ON) – –
0
20
406080
100
120
TEMPERATURE (°C)
25
20
15
10
5
0
–5
VDD = +15V
VSS = –15V
VBIAS = ±10V
Figure 12. Leakage Currents as a Function of Temperature,
±15 V Dual Supply
0
20
40
60
80
100
120
TEMPERATURE (°C)
25
20
15
10
5
0
–5
IS (OFF) + –
ID (OFF) – +
ID (OFF) + –
IS (OFF) – +
ID, IS (ON) + +
ID, IS (ON) – –
VDD = 12V
VSS = 0V
VBIAS = 1V/10V
Figure 13. Leakage Currents as a Function of Temperature, +12 V Single Supply
0
20406080
100
120
TEMPERATURE( °C)
25
20
15
10
5
0
–5
VDD = +5V
VSS = –5V
VBIAS = ±4.5V
IS (OFF) + –
ID (OFF) – +
IS (OFF) – +
ID (OFF) + –
ID, IS (ON) + +
ID, IS (ON) – –
Figure 14. Leakage Currents as a Function of Temperature, ±5 V Dual Supply
–10
0
10
20
30
40
50
60
70
80
90
0
2
4
6
8
1012
1416
LOGIC LEVEL, IN (V)
VDD = +5V
VSS = –5V
VDD = +15V
VSS = –15V
IDD PER CHANNEL
TA = 25°C
VDD = +12V
VSS = 0V
Figure 15. IDD vs. Logic Level
–500
–400
–300
–200
–100
0
100
200
300
400
500
–15
–10
–5
0
5
10
15
VS (V)
VDD = +15V
VSS = –15V
VDD = +5V
VSS = –5V
VDD = +12V
VSS = 0V
TA = 25°C
Figure 16. Charge Injection vs. Source Voltage
0
50
100
150
200
250
300
350
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
tON (+12V)
tOFF (+12V)
tOFF (±15V)
tON (±15V)
tON (±5V)
tOFF (±5V)
Figure 17. tTRANSITION Times vs. Temperature


Similar Part No. - ADG1423BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BCPZ-REEL7 AD-ADG1401BCPZ-REEL7 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BRMZ AD-ADG1401BRMZ Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BRMZ-REEL7 AD-ADG1401BRMZ-REEL7 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1402 AD-ADG1402 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
More results

Similar Description - ADG1423BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com