Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1043A Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1043A
Description  Digital Controller for Isolated Power Supply Applications
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1043A Datasheet(HTML) 5 Page - Analog Devices

  ADP1043A Datasheet HTML 1Page - Analog Devices ADP1043A Datasheet HTML 2Page - Analog Devices ADP1043A Datasheet HTML 3Page - Analog Devices ADP1043A Datasheet HTML 4Page - Analog Devices ADP1043A Datasheet HTML 5Page - Analog Devices ADP1043A Datasheet HTML 6Page - Analog Devices ADP1043A Datasheet HTML 7Page - Analog Devices ADP1043A Datasheet HTML 8Page - Analog Devices ADP1043A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
ADP1043A
Rev. 0 | Page 5 of 72
SPECIFICATIONS
VDD = 3.3 V, TA = −40°C to +85°C, unless otherwise noted. FSR = full-scale range.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY
VDD
VDD
3.1
3.3
3.6
V
IDD
IDD
Normal operation (PSON is high)
20
mA
Power supply off (PSON is low)
15
mA
During EEPROM programming (40 ms)
IDD + 8
mA
POWER-ON RESET
Power-On Reset
VDD rising
3.05
V
UVLO
VDD falling
2.75
2.85
2.95
V
UVLO Hysteresis
35
mV
OVLO
3.7
3.9
4.1
V
VCORE PIN
Output Voltage
TA = 25°C
2.3
2.5
2.7
V
OSCILLATOR AND PLL
PLL Frequency
RES = 49.9 kΩ
190
200
210
MHz
OUTA, OUTB, OUTC, OUTD,
OUTAUX, SR1, SR2 PINS
Output Low Voltage
VOL
Source current = 10 mA
0.4
V
Output High Voltage
VOH
Source current = 10 mA
VDD − 0.4
V
Rise Time
CLOAD = 50 pF
3.5
ns
Fall Time
CLOAD = 50 pF
1.5
ns
AC SENSE
PWM and resonant mode
Input Voltage Threshold
0.3
0.45
0.65
V
Propagation Delay
From ACSNS threshold to SR start;
resonant mode only
160
ns
VS1, VS2, VS3 LOW SPEED ADC
Input Voltage Range
VIN
Differential voltage from VS1, VS2 to PGND,
and from VS3+ to VS3−
0
1
1.55
V
Sampling Frequency
fSAMP
100
Hz
Voltage Sense Measurement
Accuracy
From 0% to 100% of input voltage range
−10
+10
% FSR
−155
+155
mV
From 10% to 90% of input voltage range
−2.5
+2.5
% FSR
−38.75
+38.75
mV
From 900 mV to 1.1 V
−1.5
+1.5
% FSR
−23.25
+23.25
mV
Voltage Sense Measurement
Resolution
12
Bits
Voltage Differential from VS3−
to PGND
−200
+200
mV
VS1 OVP Comparator Speed
Register 0x2C[2] = 0
300
μs
VS1 OVP Threshold Accuracy
Relative to nominal voltage (1 V) on VS1
2.5
%
VS2 and VS3 OVP Comparator
Speed
Register 0x2C[2] = 0
300
μs
VS2 and VS3 OVP Threshold
Accuracy
Relative to nominal voltage (1 V) on VS2
and VS3
2.5
%
VS1 HIGH SPEED ADC
Sampling Frequency
fSAMP
400
kHz
Resolution
6
Bits
Dynamic Range
±18
mV


Similar Part No. - ADP1043A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
More results

Similar Description - ADP1043A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. B
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
   Digital Controller for Power Supply Applications with PMBus Interface
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com