Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24C128-3GI Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS24C128-3GI
Description  128K-bit 2-WIRE SERIAL CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C128-3GI Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS24C128-3GI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS24C128-3GI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C128-3GI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C128-3GI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C128-3GI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C128-3GI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C128-3GI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C128-3GI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C128-3GI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com
Rev. C
05/08/07
IS24C128
DEVICE OPERATION
The IS24C128 features a serial communication and
supports a bi-directional 2-wire bus transmission protocol.
2-WIRE BUS
The two-wire bus is defined as a Serial Data line (SDA),
and a Serial Clock line (SCL). The protocol defines any
device that sends data onto the SDA bus as a transmitter,
and the receiving devices as a receiver. The bus is
controlled by Master device which generates the SCL,
controls the bus access and generates the Stop and Start
conditions. The IS24C128 is the Slave device on the bus.
The Bus Protocol:
– Data transfer may be initiated only when the bus is not
busy
– During a data transfer, the data line must remain stable
whenever the clock line is high. Any changes in the
data line while the clock line is high will be interpreted
as a Start or Stop condition.
The state of the data line represents valid data after a Start
condition. The data line must be stable for the duration of
the High period of the clock signal. The data on the SDA
line may be changed during the Low period of the clock
signal. There is one clock pulse per bit of data. Each data
transfer is initiated with a Start condition and terminated
with a Stop condition.
Start Condition
The Start condition precedes all commands to the device
and is defined as a High to Low transition of SDA when
SCL is High. The IS24C128 monitors the SDA and SCL
lines and will not respond until the Start condition is met.
Stop Condition
The Stop condition is defined as a Low to High transition
of SDA when SCL is High. All operations must end with
a Stop condition.
Acknowledge (ACK)
After a successful data transfer, each receiving device is
required to generate an ACK. The Acknowledging device
pulls down the SDA line.
Reset
The IS24C128 contains a reset function in case the 2-
wire bus transmission is accidentally interrupted (eg. a
power loss), or needs to be terminated mid-stream.
The reset is caused when the Master device creates a
Start condition. To do this, it may be necessary for the
Master device to monitor the SDA line while cycling the
SCL up to nine times. (For each clock signal transition
to High, the Master checks for a High level on SDA.)
Standby Mode
Power consumption in reduced in standby mode. The
IS24C128 will enter standby mode: a) At Power-up, and
remain in it until SCL or SDA toggles; b) Following the Stop
signal if no write operation is initiated; or c) Following any
internal write operation
DEVICE ADDRESSING
The Master begins a transmission by sending a Start
condition. The Master then sends the address of the
particular Slave devices it is requesting. The Slave
(Fig. 5) address is 8 bits.
The four most significant bits of the address are fixed as
1010 for the IS24C128.
This device has two address bits (A1 and A0), which
allows up to four IS24C128 devices to share the 2-wire
bus. Upon receiving the Slave address, the device
compares the two address bits with the hardwired A1
and A0 input pins to determine if it is the appropriate
Slave. If the A1 and A0 pins are not biased to High nor
Low, then internal circuitry defaults the value to Low.
The last bit of the Slave address specifies whether a Read
or Write operation is to be performed. When this bit is set
to 1, a Read operation is selected, and when set to 0, a
Write operation is selected.
After the Master transmits the Start condition and
Slave address byte (Fig. 5), the appropriate 2-wire
Slave (eg. IS24C128) will respond with ACK on the
SDA line. The Slave will pull down the SDA on the
ninth clock cycle, signaling that it received the eight
bits of data. The selected IS24C128 then prepares for a
Read or Write operation by monitoring the bus.
WRITE OPERATION
Byte Write
In the Byte Write mode, the Master device sends the Start
condition and the Slave address information (with the R/
W set to Zero) to the Slave device. After the Slave
generates an ACK, the Master sends two byte addresses
that are to be written into the address pointer of the
IS24C128. After receiving another ACK from the Slave,
the Master device transmits the data byte to be written into
the
address
memory
location. The
IS24C128
acknowledges once more and the Master generates the
Stop condition, at which time the device begins its internal
programming cycle. While this internal cycle is in progress,
the device will not respond to any request from the Master
device.


Similar Part No. - IS24C128-3GI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C128-3GI ISSI-IS24C128-3GI Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C128-3GI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24WC128 CATALYST-CAT24WC128_05 Datasheet
404Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C32C ISSI-IS24C32C Datasheet
187Kb / 20P
   32K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Fairchild Semiconductor
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
List of Unclassifed Man...
MTV24C08 ETC-MTV24C08 Datasheet
103Kb / 14P
   2-Wire 8912-Bit Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com