Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24C128-3GLI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS24C128-3GLI
Description  128K-bit 2-WIRE SERIAL CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C128-3GLI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS24C128-3GLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C128-3GLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C128-3GLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS24C128-3GLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS24C128-3GLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS24C128-3GLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS24C128-3GLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS24C128-3GLI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS24C128-3GLI Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
11
Rev. C
05/08/07
IS24C128
AC ELECTRICAL CHARACTERISTICS
Industrial (TA = -40OC to +85OC), Automotive (TA = -40OC to +125OC)
2.5V
5.0V(1)
Symbol Parameter
Min. Max.
Min. Max.
Unit
fSCL
SCL Clock Frequency
0
400
0
1000
KHz
T
Noise Suppression Time(1)
—50
50
ns
tLow
Clock Low Period
1.3
0.6
µs
tHigh
Clock High Period
0.6
0.4
µs
tBUF
Bus Free Time Before New Transmission(1)
1.2
0.5
µs
tSU:STA
Start Condition Setup Time
0.6
0.25
µs
tSU:STO
Stop Condition Setup Time
0.6
0.25
µs
tHD:STA
Start Condition Hold Time
0.6
0.25
µs
tHD:STO
Stop Condition Hold Time
0.6
0.6
µs
tSU:DAT
Data In Setup Time
100
100
ns
tHD:DAT
Data In Hold Time
0
0
ns
tSU:WP
WP pin Setup Time
0.6
0.6
µs
tHD:WP
WP pin Hold Time
1.3
1.3
µs
tDH
Data Out Hold Time (SCL Low to SDA Data Out Change)
200
200
ns
tAA
Clock to Output (SCL Low to SDA Data Out Valid)
200
900
200
550
ns
tR
SCL and SDA Rise Time(1)
300
300
ns
tF
SCL and SDA Fall Time(1)
300
300
ns
tWR
Write Cycle Time
5
5
ms
Note:
1. This parameter is characterized but not 100% tested.


Similar Part No. - IS24C128-3GLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C128-3G ISSI-IS24C128-3G Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128-3GI ISSI-IS24C128-3GI Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C128-3GLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24WC128 CATALYST-CAT24WC128_05 Datasheet
404Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C32C ISSI-IS24C32C Datasheet
187Kb / 20P
   32K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Fairchild Semiconductor
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
List of Unclassifed Man...
MTV24C08 ETC-MTV24C08 Datasheet
103Kb / 14P
   2-Wire 8912-Bit Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com