Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25C128A-2GLI Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS25C128A-2GLI
Description  128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25C128A-2GLI Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS25C128A-2GLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25C128A-2GLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25C128A-2GLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25C128A-2GLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25C128A-2GLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C128A-2GLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C128A-2GLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C128A-2GLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C128A-2GLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Integrated Silicon Solution, Inc.
Advanced Information
Rev. 00E
11/25/08
IS25C128A
STATUS REGISTER
Table 1. Status Register Format
Bit 7
Bit 6 Bit 5 Bit 4
Bit 3 Bit 2
Bit1 Bit 0
WPEN
X
X
X
BP1
BP0
WEN
RDY
The status register contains 8-bits for write protection
control and write status. (See Table 1). It is the only
region of memory other than the main array that is
accessible by the user.
The Status Register is Read-Only if either: a) Hardware
Write Protection is enabled or b) WEN is set to 0. If
neither is true, it can be modified by a valid instruction.
Ready (
RDY
RDY
RDY
RDY
RDY), Bit 0: When RDY = 1, it indicates that
the device is busy with a write cycle.
RDY = 0 indi-
cates that the device is ready for an instruction. If
RDY
= 1, the only command that will be handled by the
device is Read Status Register.
Don’t Care, Bits 4-6: Each of these bits can receive
either 0 or 1, but values will not be retained. When
these bits are read from the register, they are always 0.
Write Protect Enable (WPEN), Bit 7: This bit can be
used in conjunction with
WP pin to enable Hardware
Write Protection, which causes the Status Register to
be read-only. The memory array is not protected by this
mode. Hardware Write Protection requires that
WP = 0
and WPEN = 1; it is disabled otherwise. Note: WPEN
cannot be changed from 1 to 0 if the
WP pin is already
set to Low. (See Table 4 for data protection relationship)
Notes:
1. X = Don't care bit.
2.
During internal write cycles, bits 0 to 7 are temporarily 1's.
Block Protect (BP1, BP0), Bits 2-3: Together, these
bits represent one of four block protection configurations
implemented for the memory array. (See Table 2 for
details.)
BP0 and BP1 are non-volatile cells similar to regular
array cells, and factory programmed to 0. The block of
memory defined by these bits is always protected,
regardless of the setting of WPEN,
WP , or WEN.
Table 2. Block Protection
Status
Register
Bits
Array Addresses Protected
Level
BP1
BP0
IS25C128A
0
0
0
None
1(1/4)
0
1
3000h
-3FFFh
2(1/2)
1
0
2000h
-3FFFh
3(All)
1
1
0000h
-3FFFh
Write Enable (WEN), Bit 1: This bit represents the
status of device write protection. If WEN = 0, the Status
Register and the entire array is protected from modifica-
tion, regardless of the setting of WPEN,
WP pin, or block
protection. The only way to set WEN to 1 is via the
Write Enable command (WREN). WEN is reset to 0
upon power-up.


Similar Part No. - IS25C128A-2GLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128-2GI ISSI-IS25C128-2GI Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128-2GLI ISSI-IS25C128-2GLI Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128-2PI ISSI-IS25C128-2PI Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128-2PLI ISSI-IS25C128-2PLI Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS25C128A-2GLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01 ISSI-IS25C01 Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A Datasheet
134Kb / 17P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com