Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16160C-6TL Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS42S16160C-6TL
Description  256 Mb Single Data Rate Synchronous DRAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16160C-6TL Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS42S16160C-6TL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S16160C-6TL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16160C-6TL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16160C-6TL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16160C-6TL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16160C-6TL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42S16160C-6TL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42S16160C-6TL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42S16160C-6TL Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com
Rev. C
04/02/09
IS42S83200C
IS42S16160C
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
Version
Unit
Note
Parameter
Symbol
-6
-7
-75
Row active to row active delay
tRRD(min)
12
14
15
ns
1
RAS to CAS delay
tRCD(min)
18
20
20
ns
1
Row precharge time
tRP(min)
18
20
20
ns
1
tRAS(min)
42
45
45
ns
1
Row active time
tRAS(max)
100K
100K
100K
ns
Row cycle time
tRC(min)
60
63
65
ns
1
R e fre sh in te rva l tim e
tREF(max)
64
64
64
ms
Auto refresh cycle time
tARFC(min)
60
70
75
ns
NOTES:
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and then rounding off to the next
higher integer.
Last data in to row precharge
tRDL (min)
2
2
2
CLK
Last data in to active delay
tDAL (min)
5
5
5
CLK
Last data in to new col. address delay
tCDL (min)
1
1
1
CLK
Last data in to burst stop
tDBL (min)
1
1
1
CLK
Mode register set cycle time
tMRD (min)
2
2
2
CLK


Similar Part No. - IS42S16160C-6TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16160 ISSI-IS42S16160 Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
IS42S16160-6BL ISSI-IS42S16160-6BL Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
IS42S16160-6BLI ISSI-IS42S16160-6BLI Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
IS42S16160-6TL ISSI-IS42S16160-6TL Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
IS42S16160-6TLI ISSI-IS42S16160-6TLI Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
More results

Similar Description - IS42S16160C-6TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S83200C ISSI-IS45S83200C Datasheet
1Mb / 40P
   256 Mb Single Data Rate Synchronous DRAM
IS42S83200A ISSI-IS42S83200A Datasheet
917Kb / 49P
   256 Mb Synchronous DRAM
logo
Elpida Memory
M2V64S50ETP ELPIDA-M2V64S50ETP Datasheet
738Kb / 49P
   64M Single Data Rate Synchronous DRAM
logo
Mitsubishi Electric Sem...
M2S56D20 MITSUBISHI-M2S56D20 Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
M2S56D20TP MITSUBISHI-M2S56D20TP Datasheet
300Kb / 36P
   256M Double Data Rate Synchronous DRAM
M2S12D20 MITSUBISHI-M2S12D20 Datasheet
754Kb / 38P
   512M Double Data Rate Synchronous DRAM
logo
Elpida Memory
M2S56D20ATP ELPIDA-M2S56D20ATP Datasheet
644Kb / 41P
   256M Double Data Rate Synchronous DRAM
logo
Mitsubishi Electric Sem...
M2S28D20ATP MITSUBISHI-M2S28D20ATP Datasheet
1Mb / 36P
   128M Double Data Rate Synchronous DRAM
M2S56D20AKT MITSUBISHI-M2S56D20AKT Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
logo
Austin Semiconductor
AS4SD16M16 AUSTIN-AS4SD16M16 Datasheet
1Mb / 51P
   256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com