Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16160C-7TLI Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS42S16160C-7TLI
Description  256 Mb Single Data Rate Synchronous DRAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16160C-7TLI Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS42S16160C-7TLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16160C-7TLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16160C-7TLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16160C-7TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16160C-7TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42S16160C-7TLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42S16160C-7TLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42S16160C-7TLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS42S16160C-7TLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
9
Rev. C
04/02/09
AC CHARACTERISTICS(AC operating conditions unless otherwise noted)
-6
-7
-75
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Note
CAS latency=3
tCC (3)
6
7
75
CLK cycle time
CAS latency=2
tCC (2)
10
10
10
ns
1
CAS latency=3
tSAC (3)
5.4
5.4
5.4
CLK to valid output delay
CAS latency=2
tSAC (2)
6
6
6
ns
1,2
CAS latency=3
tOH (3)
2.5
2.5
2.5
Output data hold time
CAS latency=2
tOH (2)
2.5
2.5
2.5
ns
2
CLK high pulse width
tCH
2.5
2.5
2.5
ns
3
CLK low pulse width
tCL
2.5
2.5
2.5
ns
3
Input setup time
tSI
1.5
1.5
1.5
ns
3
Input hold time
tHI
1.0
1.0
1.0
ns
3
Transition time of CLK
tT
0.3
1.5
0.3
1.5
0.3
1.5
ns
CAS latency=3
5.4
5.4
5.4
CLK to output in Hi-Z
CAS latency=2
tSHZ
6
6
6
ns
NOTES :
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e., [(tr + tf)/2-1]ns should be added to the parameter.
IS42S83200C
IS42S16160C


Similar Part No. - IS42S16160C-7TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16160 ISSI-IS42S16160 Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
IS42S16160-6BL ISSI-IS42S16160-6BL Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
IS42S16160-6BLI ISSI-IS42S16160-6BLI Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
IS42S16160-6TL ISSI-IS42S16160-6TL Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
IS42S16160-6TLI ISSI-IS42S16160-6TLI Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
More results

Similar Description - IS42S16160C-7TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S83200C ISSI-IS45S83200C Datasheet
1Mb / 40P
   256 Mb Single Data Rate Synchronous DRAM
IS42S83200A ISSI-IS42S83200A Datasheet
917Kb / 49P
   256 Mb Synchronous DRAM
logo
Elpida Memory
M2V64S50ETP ELPIDA-M2V64S50ETP Datasheet
738Kb / 49P
   64M Single Data Rate Synchronous DRAM
logo
Mitsubishi Electric Sem...
M2S56D20 MITSUBISHI-M2S56D20 Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
M2S56D20TP MITSUBISHI-M2S56D20TP Datasheet
300Kb / 36P
   256M Double Data Rate Synchronous DRAM
M2S12D20 MITSUBISHI-M2S12D20 Datasheet
754Kb / 38P
   512M Double Data Rate Synchronous DRAM
logo
Elpida Memory
M2S56D20ATP ELPIDA-M2S56D20ATP Datasheet
644Kb / 41P
   256M Double Data Rate Synchronous DRAM
logo
Mitsubishi Electric Sem...
M2S28D20ATP MITSUBISHI-M2S28D20ATP Datasheet
1Mb / 36P
   128M Double Data Rate Synchronous DRAM
M2S56D20AKT MITSUBISHI-M2S56D20AKT Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
logo
Austin Semiconductor
AS4SD16M16 AUSTIN-AS4SD16M16 Datasheet
1Mb / 51P
   256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com