Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S32160C Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS42S32160C
Description  16Mx32 512Mb SYNCHRONOUS DRAM
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S32160C Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS42S32160C Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S32160C Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S32160C Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S32160C Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S32160C Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S32160C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S32160C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S32160C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S32160C Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Rev. B
01/22/09
IS42S32160C
Command
State
CKEn-1 CKE
DQM(6) BS0,1 A10
A9-0
A12, A11
CS# RAS# CAS# WE#
BankActivate
Idle (3)
H
X
X
V
Row address
L
L
H
H
BankPrecharge
Any
H
X
X
V
L
X
L
L
H
L
PrechargeAll
Any
H
X
X
X
H
X
L
L
H
L
Write
Active (3)
HX
X
V
L
L
H
L
L
Write and Auto Precharge Active (3)
HX
X
V
H
L
H
L
L
Read
Active (3)
HX
X
V
L
L
H
L
H
Read and Autoprecharge Active (3)
HX
X
V
H
L
H
L
H
Mode Register
Set Idle
H
X
X
OP code
L
L
L
L
No-Operation
Any
H
X
X
X
X
X
L
H
H
H
Burst Stop
Active(4)
HX
X
X
X
X
L
H
H
L
Device Deselect
Any
H
X
X
X
X
X
H
X
X
X
AutoRefresh
Idle
H
H
X
X
X
X
L
L
L
H
SelfRefresh Entry
Idle
H
L
X
X
X
X
L
L
L
H
SelfRefresh Exit
Idle
L
H
X
X
X
X
H
X
X
X
(SelfRefresh)
L
H
H
H
Clock Suspend Mode Entry Active
H
L
X
X
X
X
X
X
X
X
Power Down Mode Entry
Any(5)
HL
X
X
X
X
H
X
X
X
LH
H
H
Clock Suspend Mode Exit Active
L
H
X
X
X
X
X
X
X
X
Power Down Mode Exit
Any
L
H
X
X
X
X
H
X
X
X
(PowerDown)
L
H
H
H
Data Write/Output Enable Active
H
X
L
X
X
X
X
X
X
X
Data Mask/Output Disable Active
H
X
H
X
X
X
X
X
X
X
Column
address
(A0 ~A8)
Column
address
(A0 ~A8)
OPERATION MODE
Fully synchronous operations are performed to latch the commands at the positive edges of CLK. Truth table shows
the operation commands.
Note:
1. V =Valid,X =Don ’t care,L =Logic low,H =Logic high
2. CKEn signal is input level when commands are provided.
CKEn-1 signal is input level one clock cycle before the commands are provided.
3. These are states of bank designated by BS signal.
4. Device state is 1,2,4,8,and full page burst operation.
5. Power Down Mode can not enter in the burst operation.
When this command is asserted in the burst cycle,device state is clock suspend mode.
6. DQM0-3
Truth Table
(1),(2)


Similar Part No. - IS42S32160C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32160A ISSI-IS42S32160A Datasheet
1Mb / 60P
   4M Words x 32 Bits x 4 Banks (512-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32160A-75B ISSI-IS42S32160A-75B Datasheet
1Mb / 60P
   4M Words x 32 Bits x 4 Banks (512-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32160A-75BI ISSI-IS42S32160A-75BI Datasheet
1Mb / 60P
   4M Words x 32 Bits x 4 Banks (512-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32160A-75BL ISSI-IS42S32160A-75BL Datasheet
1Mb / 60P
   4M Words x 32 Bits x 4 Banks (512-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32160A-75BLI ISSI-IS42S32160A-75BLI Datasheet
1Mb / 60P
   4M Words x 32 Bits x 4 Banks (512-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S32160C

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM3284LBA EOREX-EM48AM3284LBA Datasheet
736Kb / 20P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
EM48BM1684LBA EOREX-EM48BM1684LBA Datasheet
672Kb / 19P
   512Mb (8M횞4Bank횞16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42VM32160C ISSI-IS42VM32160C Datasheet
358Kb / 17P
   512Mb Mobile Synchronous DRAM
logo
Eorex Corporation
EM48AM3284LBA EOREX-EM48AM3284LBA_09 Datasheet
298Kb / 22P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
EM48BM1684LBA EOREX-EM48BM1684LBA_09 Datasheet
711Kb / 21P
   512Mb (8M횞4Bank횞16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42SM32160C ISSI-IS42SM32160C Datasheet
295Kb / 17P
   512Mb Mobile Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM3284LBA ETC2-EM48AM3284LBA Datasheet
220Kb / 17P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
Eorex Corporation
EM48AM3284LBB EOREX-EM48AM3284LBB Datasheet
272Kb / 22P
   512Mb (4M횞4Bank횞32) Mobile Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S32160B ISSI-IS42S32160B Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
logo
List of Unclassifed Man...
IS43R16320D ETC2-IS43R16320D Datasheet
1Mb / 33P
   16Mx32, 32Mx16, 64Mx8 512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com