Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1582 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SA1582
Description  BIDIRECTIONAL DC MOTOR DRIVER FOR DISK TRAY MOTION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1582 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SA1582 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA1582 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1582 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1582 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1582 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA1582 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA1582 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA1582 Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SA1582
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2006.06.26
Http: www.silan.com.cn
Page 3 of 8
ELECTRICAL CHARACTERISTICS (Tamb=25°C, SVCC=12V, PVCC=9V)
PIN CONFIGURATION
PIN DESCRIPTION
Pin No.
Symbol
I/O
Pin Function Description
1
GND
--
Ground
2
VO1
O
Output 1
3
VCTL
I
Motor speed control
4
VIN1
I
Input 1
5
VIN2
I
Input 2
6
SVCC
--
Supply voltage (signal)
7
PVCC
--
Supply voltage (Power)
8
VO2
O
Output 2
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Quiescent Current
ICC
Pin4 & 5=GND, RL=
4
6.5
9.5
mA
Min. Input-on Current 1
IIN1
RL=
∞, pin4=IIN1, Pin5=L
--
10
30
µA
Min. Input-on Current 2
IIN2
RL=
∞, pin4=L, pin5=IIN
--
10
30
µA
Input Threshold Voltage 1
VITH1
RL=
∞, pin4=VIN, pin5=L
1.0
1.3
1.6
V
Input Threshold Voltage 2
VITH2
RL=
∞, pin4=L, pin5=VIN
1.0
1.3
1.6
V
Output Leakage Current 1
IOL1
RL=
∞, pin4 & 5=GND
--
0.01
1
mA
Output Leakage Current 2
IOL2
RL=
∞, pin4 & 5=GND
--
0.01
1
mA
Zener Current 1
IZ1
RL=
∞, pin4=H, pin5=L
--
0.85
1.5
mA
Zener Current 2
IZ2
RL=
∞, pin4=L, pin5=H
--
0.85
1.5
mA
Output Voltage 1
VO1
RL=60
Ω, pin4=H, pin5=L
6.6
7.6
7.8
V
Output Voltage 2
VO2
RL=60
Ω, pin4=L, pin5=H
6.6
7.6
7.8
V
Saturation Voltage 1 (Upper)
VSAT1
IO=300mA
--
1.9
2.3
V
Saturation Voltage 2 (Upper)
VSAT2
IO=500mA
--
1.9
2.3
V
Saturation Voltage 1 (Lower)
VSAT3
IO=300mA
--
0.25
0.5
V
Saturation Voltage 2 (Lower)
VSAT4
IO=500mA
--
0.4
0.65
V


Similar Part No. - SA1582

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SA158 DIOTEC-SA158 Datasheet
163Kb / 2P
   Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
SA158 SEMIKRON-SA158 Datasheet
106Kb / 2P
   Fast silicon rectifier diodes
logo
Diotec Semiconductor
SA158 DIOTEC-SA158 Datasheet
73Kb / 2P
   Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
SA158 SEMIKRON-SA158 Datasheet
110Kb / 2P
   Surface mount diode Fast silicon rectifier diodes
logo
Diotec Semiconductor
SA158 DIOTEC-SA158 Datasheet
150Kb / 2P
   Fast Recovery SMD Rectifier Diodes
More results

Similar Description - SA1582

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8473SA PANASONIC-AN8473SA Datasheet
57Kb / 6P
   Spindle motor driver IC for optical disk
AN8481SB PANASONIC-AN8481SB Datasheet
64Kb / 6P
   Spindle motor driver IC for optical disk
logo
Sanyo Semicon Device
LB1810M SANYO-LB1810M Datasheet
158Kb / 7P
   Spindle Motor Driver for Floppy-disk Drives
logo
Panasonic Semiconductor
AN8470NSA PANASONIC-AN8470NSA Datasheet
71Kb / 8P
   Spindle motor driver IC for optical disk
AN8472SA PANASONIC-AN8472SA Datasheet
75Kb / 9P
   Spindle motor driver IC for optical disk
logo
Sanyo Semicon Device
LB1813M SANYO-LB1813M Datasheet
178Kb / 9P
   Spindle Motor Driver for Floppy-disk Drives?
LB1645N SANYO-LB1645N Datasheet
76Kb / 3P
   Bidirectional Motor Driver?
LB1641 SANYO-LB1641_12 Datasheet
79Kb / 5P
   Bidirectional Motor Driver
logo
ON Semiconductor
ENA2016 ONSEMI-ENA2016 Datasheet
114Kb / 4P
   Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1830MC SANYO-LB1830MC Datasheet
80Kb / 4P
   Bidirectional Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com