Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS45S16400F-7CTNA2 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS45S16400F-7CTNA2
Description  1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45S16400F-7CTNA2 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS45S16400F-7CTNA2 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS45S16400F-7CTNA2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45S16400F-7CTNA2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45S16400F-7CTNA2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45S16400F-7CTNA2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45S16400F-7CTNA2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45S16400F-7CTNA2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45S16400F-7CTNA2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45S16400F-7CTNA2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
3
Rev. F
11/09/09
IS42S16400F
IS45S16400F
PIN CONFIGURATION
PACKAge Code: B 54 BALL fBgA (Top View) (8 mm x 8 mm Body, 0.8 mm Ball Pitch)
1 2 3 4 5 6 7 8 9
A
B
C
D
E
F
G
H
J
DQ15
DQ13
DQ11
DQ9
NC
CLK
A11
A7
A5
GNDQ
VDDQ
GNDQ
VDDQ
GND
CKE
A9
A6
A4
VDDQ
GNDQ
VDDQ
GNDQ
VDD
CAS
BA0
A0
A3
DQ0
DQ2
DQ4
DQ6
DQML
RAS
BA1
A1
A2
GND
DQ14
DQ12
DQ10
DQ8
DQMH
NC
A8
GND
VDD
DQ1
DQ3
DQ5
DQ7
WE
CS
A10
VDD
PIN DESCRIPTIONS
A0-A11
Row Address Input
A0-A7
Column Address Input
BA0, BA1
Bank Select Addresses
dQ0 to dQ15
data I/o
CLK
System Clock Input
CKe
Clock enable
CS
Chip Select
RAS
Row Address Strobe Command
CAS
Column Address Strobe Command
WE
Write enable
LdQM, UdQM
x16 Input/output Mask
Vdd
Power
gNd
ground
Vddq
Power Supply for I/o Pin
gNdQ
ground for I/o Pin
NC
No Connection


Similar Part No. - IS45S16400F-7CTNA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400C1-7TA1 ISSI-IS45S16400C1-7TA1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400C1-7TLA ISSI-IS45S16400C1-7TLA Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400C1-7TLA1 ISSI-IS45S16400C1-7TLA1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400E ISSI-IS45S16400E Datasheet
849Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS45S16400F-7CTNA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400E ISSI-IS42S16400E Datasheet
848Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S16400B ETC-IS42S16400B Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400_08 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400C1 ISSI-IS42S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400D ISSI-IS42S16400D Datasheet
562Kb / 57P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com