Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5888G Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SA5888G
Description  5CH BRL DRIVER FOR DVD PLAYER WITH DISC BIDIRECTIONAL DRIVER AND TWO VARIABLE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA5888G Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SA5888G Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA5888G Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA5888G Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA5888G Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA5888G Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA5888G Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA5888G Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA5888G Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2009.07.16
Http: www.silan.com.cn
Page 2 of 8
BLOCK DIAGRAM
1
28
VINFC
2
5
Mute
26
27
3
25
20
4
9
10
Tray
Driver
Pre-
DRV
8
7
6
11
12
Sled
driver(4x)
23
21
22
18
17
Spindle
Driver(4x)
16
15
Actuator
Driver(6x)
Actuator
Driver(6x)
13
14
TRB_1
VCC
VCC
PVCC
24
10K
25K
25K
10K
VINTK
BIAS
10K
15K
25K
10K
19
PVCC
ABSOLUTE MAXIMUM RATINGS (Otherwise specified, Tamb=25°C)
Characteristics
Symbol
Value
Unit
Power Supply Voltage
VCC,
1/2PVCC
8
V
Power Dissipation
PD
1.7*
W
Operating Temperature
Topr
-35~+85
°C
Storage Temperature
Tstg
-55~+150
°C
* When mounted on a 70mm X 70mm X 1.6mm glass epoxy board. Reduced by 13.6mW for each increase in
Tamb of 1
°C over 25°C.
ELECTRICAL CHARACTERISTICS
(Unless other specified, Tamb=25
°C, VCC=8V, PVCC =5V, BIAS=2.5V, RL=8 /10 /20 /45 )
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Quiescent Current
ICC
--
30
--
mA
Actuator Driver
Output Offset Voltage
Voo
-50
--
50
mV
Maximum Output Amplitude
VOM
10
Load
3.6
4.0
--
V
Voltage Gain
Gv
VIN=BIAS ±0.2V
--
23.5
--
dB


Similar Part No. - SA5888G

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SA58 YANGJIE-SA58 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
SA58 PANJIT-SA58 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
DAESAN ELECTRONIC CORP.
SA58 DAESAN-SA58 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Shenzhen Luguang Electr...
SA58 LUGUANG-SA58 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
RFE international
SA58 RFE-SA58 Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
More results

Similar Description - SA5888G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
   For DVD Player Video Signal Driver
logo
Ceramate Technical
CMD4508 CERAMATE-CMD4508 Datasheet
205Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4505 CERAMATE-CMD4505 Datasheet
293Kb / 6P
   5-CH BTL Driver for DVD Player
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
Rohm
BA5969FP ROHM-BA5969FP Datasheet
370Kb / 12P
   Power Driver for Compact Disc Player
logo
BCD Semiconductor Manuf...
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Ceramate Technical
CMD4509 CERAMATE-CMD4509 Datasheet
202Kb / 6P
   5-CH BTL Driver for DVD Player
logo
BCD Semiconductor Manuf...
AM5954A BCDSEMI-AM5954A Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Ceramate Technical
CMD4506 CERAMATE-CMD4506 Datasheet
162Kb / 6P
   5-CH BTL Driver for DVD Player
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com