Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS45S83200D-7CTNA1 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS45S83200D-7CTNA1
Description  32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45S83200D-7CTNA1 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS45S83200D-7CTNA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS45S83200D-7CTNA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45S83200D-7CTNA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45S83200D-7CTNA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45S83200D-7CTNA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45S83200D-7CTNA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45S83200D-7CTNA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45S83200D-7CTNA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45S83200D-7CTNA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
IS42S83200D, IS42S16160D
IS45S83200D, IS45S16160D
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev. B
06/11/09
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time with-
out notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain
the latest version of this device specification before relying on any published information and before placing orders for products.
FEATURES
• Clockfrequency:166,143MHz
• Fullysynchronous;allsignalsreferencedtoa
positive clock edge
• Internalbankforhidingrowaccess/precharge
• SinglePowersupply:3.3V+0.3V
• LVTTLinterface
• Programmableburstlength
–(1,2,4,8,fullpage)
• Programmableburstsequence:
Sequential/Interleave
• AutoRefresh(CBR)
• SelfRefresh
• 8Krefreshcyclesevery16ms(A2grade)or
64ms(commercial,industrial,A1grade)
• Randomcolumnaddresseveryclockcycle
• ProgrammableCASlatency(2,3clocks)
• Burstread/writeandburstread/singlewrite
operations capability
• Burstterminationbyburststopandprecharge
command
OPTIONS
• Package:
54-pinTSOP-II(x8andx16)
54-ballBGA(x16only)
• OperatingTemperatureRange:
Commercial (0oC to +70oC)
Industrial(-40oCto+85oC)
AutomotiveGradeA1(-40oCto+85oC)
AutomotiveGradeA2(-40oC to +105oC)
• DieRevision:D
OVERVIEW
ISSI's256MbSynchronousDRAMachieveshigh-speed
data transfer using pipeline architecture. All inputs and
outputs signals refer to the rising edge of the clock input.
The256MbSDRAMisorganizedasfollows.
32Meg x 8, 16Meg x16
256-MBIT SYNCHRONOUS DRAM
JUNE 2009
KEY TIMING PARAMETERS
Parameter
-6
-7
-75E Unit
ClkCycleTime
CAS
Latency=3
6
7
ns
CAS
Latency=2
10
10
7.5
ns
ClkFrequency
CAS
Latency=3
166
143
Mhz
CAS
Latency=2
100
100
133
Mhz
AccessTimefromClock
CAS
Latency=3
5.4
5.4
ns
CAS
Latency=2
6.5
6.5
5.5
ns
IS42S83200D
IS42S16160D
8Mx8x4Banks 4Mx16x4Banks
54-pinTSOPII
54-pinTSOPII
54-ballBGA(contactMarketing)
Parameter
32M x 8
16M x 16
Configuration
8M x 8 x 4
banks
4M x 16 x 4
banks
Refresh Count
Com./Ind.
A1
A2
8K/64ms
8K/64ms
8K/16ms
8K/64ms
8K/64ms
8K/16ms
Row Addresses
A0-A12
A0-A12
Column Addresses
A0-A9
A0-A8
Bank Address Pins
BA0, BA1
BA0, BA1
Auto Precharge Pins
A10/AP
A10/AP
ADDRESS TABLE


Similar Part No. - IS45S83200D-7CTNA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S83200C ISSI-IS45S83200C Datasheet
1Mb / 40P
   256 Mb Single Data Rate Synchronous DRAM
IS45S83200G ISSI-IS45S83200G Datasheet
942Kb / 63P
   32Meg x 8, 16Meg x16 256Mb SYNCHRONOUS DRAM
IS45S83200G-6TLA1 ISSI-IS45S83200G-6TLA1 Datasheet
942Kb / 63P
   32Meg x 8, 16Meg x16 256Mb SYNCHRONOUS DRAM
IS45S83200G-7BLA1 ISSI-IS45S83200G-7BLA1 Datasheet
942Kb / 63P
   32Meg x 8, 16Meg x16 256Mb SYNCHRONOUS DRAM
IS45S83200G-7CTLA1 ISSI-IS45S83200G-7CTLA1 Datasheet
942Kb / 63P
   32Meg x 8, 16Meg x16 256Mb SYNCHRONOUS DRAM
More results

Similar Description - IS45S83200D-7CTNA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200G ISSI-IS42S83200G Datasheet
942Kb / 63P
   32Meg x 8, 16Meg x16 256Mb SYNCHRONOUS DRAM
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800B ISSI-IS42S16800B Datasheet
563Kb / 60P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S81600D ISSI-IS42S81600D Datasheet
567Kb / 62P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Circuit Solu...
IS42LS81600A ICSI-IS42LS81600A Datasheet
556Kb / 66P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Silicon Solu...
42S16800A ISSI-42S16800A Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42R83200D ISSI-IS42R83200D Datasheet
1Mb / 62P
   256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com