Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS45S16160D-7TLA2 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS45S16160D-7TLA2
Description  32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45S16160D-7TLA2 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS45S16160D-7TLA2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA2 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com
Rev. B
06/11/09
IS42S83200D, IS42S16160D
IS45S83200D, IS45S16160D
PIN FUNCTIONS
Symbol
Type
Function (In Detail)
A0-A12
InputPin
AddressInputs:A0-A12aresampledduringtheACTIVEcommand(row-address
A0-A12)andREAD/WRITEcommand(columnaddressA0-A9(x8),orA0-A8(x16);
withA10definingautoprecharge)toselectonelocationoutofthememoryarrayin
therespectivebank.A10issampledduringaPRECHARGEcommandtodetermine
ifallbanksaretobeprecharged(A10HIGH)orbankselectedbyBA0,BA1(LOW).
Theaddressinputsalsoprovidetheop-codeduringaLOADMODEREGISTER
command.
BA0,BA1
InputPin
BankSelectAddress:BA0andBA1defineswhichbanktheACTIVE,READ,WRITE
orPRECHARGEcommandisbeingapplied.
CAS
InputPin
CAS
, in conjunction with the RAS and WE, forms the device command. See the
"CommandTruthTable"fordetailsondevicecommands.
CKE
InputPin
TheCKEinputdetermineswhethertheCLKinputisenabled.Thenextrisingedge
oftheCLKsignalwillbevalidwhenisCKEHIGHandinvalidwhenLOW.WhenCKE
isLOW,thedevicewillbeineitherpower-downmode,clocksuspendmode,orself
refresh mode. CKEisan asynchronous input.
CLK
InputPin
CLKisthemasterclockinputforthisdevice.ExceptforCKE,allinputstothisdevice
areacquiredinsynchronizationwiththerisingedgeofthispin.
CS
InputPin
TheCS input determines whether command input is enabled within the device.
Command input is enabled when CSisLOW,anddisabledwithCSisHIGH.The
device remains in the previous state when CSisHIGH.
DQML,
InputPin
DQMLandDQMHcontrolthelowerandupperbytesoftheI/Obuffers.Inread
DQMH
mode,DQMLandDQMHcontroltheoutputbuffer.WhenDQMLorDQMHisLOW,the
correspondingbufferbyteisenabled,andwhenHIGH,disabled.Theoutputsgoto
theHIGHimpedancestatewhenDQML/DQMHisHIGH.Thisfunctioncorrespondsto
OE
inconventionalDRAMs.Inwritemode,DQMLandDQMHcontroltheinputbuffer.
WhenDQMLorDQMHisLOW,thecorrespondingbufferbyteisenabled,anddata
canbewrittentothedevice.WhenDQMLorDQMHisHIGH,inputdataismasked
andcannotbewrittentothedevice.ForIS42S16160Donly.
DQM
InputPin
ForIS42S83200Donly.
DQ0-DQ7 or
Input/Output
DataontheDataBusislatchedonDQpinsduringWritecommands,andbufferedfor
DQ0-DQ15
outputafterReadcommands.
RAS
InputPin
RAS
, in conjunction with CAS and WE, forms the device command. See the "Com-
mandTruthTable"itemfordetailsondevicecommands.
WE
InputPin
WE
, in conjunction with RAS and CAS, forms the device command. See the "Com-
mandTruthTable"itemfordetailsondevicecommands.
Vddq
PowerSupplyPinVddq is the output buffer power supply.
Vdd
PowerSupplyPinVdd is the device internal power supply.
Vssq
PowerSupplyPinVssq is the output buffer ground.
Vss
PowerSupplyPinVss is the device internal ground.


Similar Part No. - IS45S16160D-7TLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S16160C ISSI-IS45S16160C Datasheet
1Mb / 40P
   256 Mb Single Data Rate Synchronous DRAM
IS45S16160C-75TLA1 ISSI-IS45S16160C-75TLA1 Datasheet
1Mb / 40P
   256 Mb Single Data Rate Synchronous DRAM
IS45S16160C-7TLA1 ISSI-IS45S16160C-7TLA1 Datasheet
1Mb / 40P
   256 Mb Single Data Rate Synchronous DRAM
IS45S16160G ISSI-IS45S16160G Datasheet
942Kb / 63P
   32Meg x 8, 16Meg x16 256Mb SYNCHRONOUS DRAM
IS45S16160G-6BLA1 ISSI-IS45S16160G-6BLA1 Datasheet
942Kb / 63P
   32Meg x 8, 16Meg x16 256Mb SYNCHRONOUS DRAM
More results

Similar Description - IS45S16160D-7TLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200G ISSI-IS42S83200G Datasheet
942Kb / 63P
   32Meg x 8, 16Meg x16 256Mb SYNCHRONOUS DRAM
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800B ISSI-IS42S16800B Datasheet
563Kb / 60P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S81600D ISSI-IS42S81600D Datasheet
567Kb / 62P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Circuit Solu...
IS42LS81600A ICSI-IS42LS81600A Datasheet
556Kb / 66P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Silicon Solu...
42S16800A ISSI-42S16800A Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42R83200D ISSI-IS42R83200D Datasheet
1Mb / 62P
   256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com