Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS45S16400E-7TLA1 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS45S16400E-7TLA1
Description  1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45S16400E-7TLA1 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS45S16400E-7TLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS45S16400E-7TLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45S16400E-7TLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45S16400E-7TLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45S16400E-7TLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45S16400E-7TLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45S16400E-7TLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45S16400E-7TLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45S16400E-7TLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
Integrated Silicon Solution, Inc. — www.issi.com5
Rev. E
11/09/09
IS45S16400E
AUTOPRECHARGEdoesnotapplyexceptinfull-page
burst mode. Upon completion of the READ or WRITE
burst, a precharge of the bank/row that is addressed is
automatically performed.
AUTO REFRESH COMMAND
ThiscommandexecutestheAUTOREFRESHoperation.
Therowaddressandbanktoberefreshedareautomatically
generatedduringthisoperation. Thestipulatedperiod(trc)is
requiredforasinglerefreshoperation,andnoothercom-
mandscanbeexecutedduringthisperiod. Thiscommandis
executedatleast4096timesevery64ms.DuringanAUTO
REFRESHcommand,addressbitsare“Don’tCare”.This
commandcorrespondstoCBRAuto-refresh.
SELF REFRESH
DuringtheSELFREFRESHoperation,therowaddressto
be refreshed, the bank, and the refresh interval are gen-
eratedautomaticallyinternally.SELFREFRESHcanbe
usedtoretaindataintheSDRAMwithoutexternalclocking,
eveniftherestofthesystemispowereddown.TheSELF
REFRESHoperationisstartedbydroppingtheCKEpin
fromHIGHtoLOW.DuringtheSELFREFRESHoperation
allotherinputstotheSDRAMbecome“Don’tCare”.The
device must remain in self refresh mode for a minimum
periodequaltotras or may remain in self refresh mode
foranindefiniteperiodbeyondthat.TheSELF-REFRESH
operationcontinuesaslongastheCKEpinremainsLOW
andthereisnoneedforexternalcontrolofanyotherpins.
Thenextcommandcannotbeexecuteduntilthedevice
internal recovery period (trc) has elapsed. Once CKE
goesHIGH,theNOPcommandmustbeissued(minimum
of two clocks) to provide time for the completion of any
internalrefreshinprogress.Aftertheself-refresh,sinceit
is impossible to determine the address of the last row to
berefreshed,anAUTO-REFRESHshouldimmediatelybe
performed for all addresses.
BURST TERMINATE
The BURSTTERMINATE command forcibly terminates
the burst read and write operations by truncating either
fixed-length or full-page bursts and the most recently
registeredREADorWRITEcommandpriortotheBURST
TERMINATE.
COMMAND INHIBIT
COMMANDINHIBITpreventsnewcommandsfrombeing
executed.Operationsinprogressarenotaffected,apart
fromwhethertheCLKsignalisenabled
NO OPERATION
When CSislow,theNOPcommandpreventsunwanted
commands from being registered during idle or wait
states.
LOAD MODE REGISTER
DuringtheLOADMODEREGISTERcommandthemode
registerisloadedfromA0-A11.Thiscommandcanonly
be issued when all banks are idle.
ACTIVE COMMAND
When the ACTIVE COMMAND is activated, BA0, BA1
inputs selects a bank to be accessed, and the address
inputsonA0-A11selectstherow.UntilaPRECHARGE
command is issued to the bank, the row remains open
for accesses.


Similar Part No. - IS45S16400E-7TLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400C1-7TA1 ISSI-IS45S16400C1-7TA1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400C1-7TLA ISSI-IS45S16400C1-7TLA Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400C1-7TLA1 ISSI-IS45S16400C1-7TLA1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400F ISSI-IS45S16400F Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS45S16400E-7TLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400E ISSI-IS42S16400E Datasheet
848Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S16400B ETC-IS42S16400B Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400F ISSI-IS42S16400F Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400_08 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400C1 ISSI-IS42S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400D ISSI-IS42S16400D Datasheet
562Kb / 57P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com