Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C5128AS-25QI Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61C5128AS-25QI
Description  512K x 8 HIGH-SPEED CMOS STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C5128AS-25QI Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61C5128AS-25QI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C5128AS-25QI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C5128AS-25QI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C5128AS-25QI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C5128AS-25QI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C5128AS-25QI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C5128AS-25QI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C5128AS-25QI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C5128AS-25QI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com
Rev. B
03/04/2008
IS61C5128AL/AS
IS64C5128AL/AS
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
5
pF
COUT
Output Capacitance
VOUT = 0V
7
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, VDD = 5.0V.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VDD = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VDD = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VDD + 0.5
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VDD
Com.
–1
1
µA
Ind.
–2
2
Auto.
–5
5
ILO
Output Leakage
GND
≤ VOUT ≤ VDD
Com.
–1
1
µA
Outputs Disabled
Ind.
–2
2
Auto.
–5
5
Note:
1. VIL = –3.0V for pulse width less than 10 ns.
TRUTH TABLE
I/O PIN
Mode
WE
WE
WE
WE
WE
CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
I/O0-I/O7
VDD Current
Not Selected
X
H
X
High-Z
ISB1, ISB2
Output Disabled
H
L
H
High-Z
ICC1, ICC2
Read
H
L
L
DOUT
ICC1, ICC2
Write
L
L
X
DIN
ICC1, ICC2
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.5
W
IOUT
DC Output Current (LOW)
20
mA
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these or
any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.


Similar Part No. - IS61C5128AS-25QI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C512 ICSI-IS61C512 Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C512-15J ICSI-IS61C512-15J Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C512-15JI ICSI-IS61C512-15JI Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C512-15N ICSI-IS61C512-15N Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C512-15NI ICSI-IS61C512-15NI Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C5128AS-25QI

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1049 PYRAMID-P4C1049 Datasheet
210Kb / 12P
   HIGH SPEED 512K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61LV5128AL ISSI-IS61LV5128AL Datasheet
99Kb / 13P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61LV5128 ICSI-IC61LV5128 Datasheet
157Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV5128 ICSI-IS61LV5128 Datasheet
443Kb / 8P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
61LV5128 ISSI-61LV5128 Datasheet
73Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C5128BL-45QLI ETC2-IS62C5128BL-45QLI Datasheet
512Kb / 14P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV5128ALL ISSI-IS61WV5128ALL Datasheet
585Kb / 25P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV5128BLL-10TLI ISSI-IS61WV5128BLL-10TLI Datasheet
586Kb / 26P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C1804096 MOSEL-V62C1804096 Datasheet
157Kb / 10P
   512K X 8, CMOS STATIC RAM
V62C2804096 MOSEL-V62C2804096 Datasheet
163Kb / 10P
   512K X 8, CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com