Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61VPS102436A-166TQ Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS61VPS102436A-166TQ
Description  1Mb x 36, 2Mb x 18 36Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61VPS102436A-166TQ Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS61VPS102436A-166TQ Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61VPS102436A-166TQ Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61VPS102436A-166TQ Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61VPS102436A-166TQ Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61VPS102436A-166TQ Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61VPS102436A-166TQ Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61VPS102436A-166TQ Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61VPS102436A-166TQ Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61VPS102436A-166TQ Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Integrated Silicon Solution, Inc.
11
Rev. B
03/27/08
IS61VPS102436A, IS61LPS102436A,IS61VPS204818A,IS61LPS204818A
OPERATING RANGE (IS61LPSXXXXX)
Range
Ambient Temperature
VDD
VDDQ
Commercial
0°C to +70°C
3.3V + 5%
3.3V / 2.5V + 5%
Industrial
–40°C to +85°C
3.3V + 5%
3.3V / 2.5V + 5%
OPERATING RANGE (IS61VPSXXXXX)
Range
Ambient Temperature
VDD
VDDQ
Commercial
0°C to +70°C
2.5V + 5%
2.5V + 5%
Industrial
–40°C to +85°C
2.5V + 5%
2.5V + 5%
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
3.3V
2.5V
Symbol
Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = –4.0 mA (3.3V)
2.4
2.0
V
IOH = –1.0 mA (2.5V)
VOL
Output LOW Voltage
IOL = 8.0 mA (3.3V)
0.4
0.4
V
IOL = 1.0 mA (2.5V)
VIH
Input HIGH Voltage
2.0
VDD + 0.3
1.7
VDD + 0.3
V
VIL
Input LOW Voltage
-0.3
0.8
-0.3
0.7
V
ILI
Input Leakage Current
Vss
≤ VIN ≤ VDD(1)
-5
5
-5
5
µA
ILO
Output Leakage Current Vss
≤ VOUT ≤ VDDQ,-5
5
-5
5
µA
OE = VIH
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-200
-166
MAX
MAX
Symbol Parameter
Test Conditions
Temp.range
x18
x36
x18
x36
Unit
ICC
AC Operating
Device Selected,
Com.
450
450
400
400 mA
Supply Current
OE = VIH, ZZ
≤ VIL,
Ind.
475
475
450
450
All Inputs
≤ 0.2V or ≥ VDD – 0.2V,
typ.(2)
390
340
Cycle Time
≥ tKC min.
ISB
Standby Current
Device Deselected,
Com.
150
150
120
120
mA
TTL Input
VDD = Max.,
Ind.
150
150
120
120
All Inputs
≤ VIL or ≥ VIH,
ZZ
≤ VIL, f = Max.
ISBI
Standby Current
Device Deselected,
Com.
110
110
110
110
mA
CMOS Input
VDD = Max.,
Ind.
140
140
140
140
VIN
≤ VSS + 0.2V or ≥VDD – 0.2V
typ.(2)
75
75
f = 0
Note:
1. MODE pin has an internal pullup and should be tied to VDD or VSS. It exhibits ±100µA maximum leakage current when tied to
VSS + 0.2V or
≥ VDD – 0.2V.
2. Typical values are measured at Vcc = 3.3V, TA = 25oC and not 100% tested.


Similar Part No. - IS61VPS102436A-166TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61VPS102418A ISSI-IS61VPS102418A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS102418A ISSI-IS61VPS102418A Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
IS61VPS102418A-200B2 ISSI-IS61VPS102418A-200B2 Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS102418A-200B2 ISSI-IS61VPS102418A-200B2 Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
IS61VPS102418A-200B2I ISSI-IS61VPS102418A-200B2I Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
More results

Similar Description - IS61VPS102436A-166TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPD51236A ISSI-IS61VPD51236A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61VPS25672A ISSI-IS61VPS25672A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
   256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LPS12832A ISSI-IS61LPS12832A Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS25672A ISSI-IS61VPS25672A_13 Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
IS61LPS25636A-200B3LI ISSI-IS61LPS25636A-200B3LI Datasheet
630Kb / 35P
   9 Mb SYNCHRONOUS PIPELINED, Single CYCLE DESELECT STATIC RAM
IS61SPD25632T ISSI-IS61SPD25632T Datasheet
154Kb / 22P
   256K x 32, 256K x 36, 512K x 18 SYNCHRONOUS PIPELINE, DOUBLE-CYCLE DESELECT STATIC RAM
logo
Integrated Circuit Solu...
IS61SP12836 ICSI-IS61SP12836 Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com